Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KD2003-DG10A Datasheet(PDF) 1 Page - Rohm

Part # KD2003-DG10A
Description  Compact high speed thick film thermal printhead (8dots / mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KD2003-DG10A Datasheet(HTML) 1 Page - Rohm

  KD2003-DG10A Datasheet HTML 1Page - Rohm KD2003-DG10A Datasheet HTML 2Page - Rohm KD2003-DG10A Datasheet HTML 3Page - Rohm KD2003-DG10A Datasheet HTML 4Page - Rohm KD2003-DG10A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KD2003-DG10A
Printheads
1/4
Compact high speed thick film
thermal printhead (8dots / mm)
KD2003-DG10A
Using its expertise in LSI technology, ROHM has developed new high density driver chips for use in the KD2003-DG10A .
Capable of being employed for both thermal and thermal transfer printing, with a print speed of 250mm/s, the resulting
printheads are the fastest in their class. The high-speed and high-density printing answers the needs of ATM, kiosk and
ticket printing devices, which are increasingly being called upon to produce graphical output.
Applications
Label printers
Ticket printers
POS printers
ATM printers
KIOSK printers
Terminal printers
Features
1) The use of a special partial glaze and the latest heating element structure, along with new high-density driver chips that
can accept big current, has allowed ROHM to achieve print speeds of 250mm/s, the fastest in its class.
2) One rank resistance value of 650
Ω ± 3% eliminates the inconvenience of rank selection.
3) The required driving voltage of 3.15 to 5.25V allows wide range of power supply voltage setting. This also allows
multiple choice of electronic components for printers.
4) 2-inch, 3-inch and 4-inch series are available.
External dimensions (Unit : mm)
Exposed Conductor Side
Max.1.7
(5.1)
5
±0.2
2-M3 (Effective Depth 3)
81
±0.2
91
±0.3
No.28
No.1
Connector
80 (Effective Print Width)
Dot #1
Dot #640


Similar Part No. - KD2003-DG10A

ManufacturerPart #DatasheetDescription
logo
Rohm
KD2003-DG12A ROHM-KD2003-DG12A Datasheet
83Kb / 5P
   Compact high speed thick film thermal printhead (8dots / mm)
More results

Similar Description - KD2003-DG10A

ManufacturerPart #DatasheetDescription
logo
Rohm
KD2004-DG10A ROHM-KD2004-DG10A Datasheet
63Kb / 5P
   Compact high speed thick film thermal printhead (8dots / mm)
KF2004-GF41A ROHM-KF2004-GF41A Datasheet
78Kb / 4P
   Compact high speed thick film thermal printhead (8dots / mm)
KF2002-GF41A ROHM-KF2002-GF41A Datasheet
89Kb / 5P
   Compact high speed thick film thermal printhead (8dots/ mm)
KD2002-DG10A ROHM-KD2002-DG10A Datasheet
62Kb / 5P
   Compact high speed thick film thermal printhead (8dots / mm)
KF2003-GF41A ROHM-KF2003-GF41A Datasheet
89Kb / 5P
   Compact high speed thick film thermal printhead (8dots / mm)
KD2003-DG12A ROHM-KD2003-DG12A Datasheet
83Kb / 5P
   Compact high speed thick film thermal printhead (8dots / mm)
KF2002-GK42A ROHM-KF2002-GK42A Datasheet
89Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KD2008-CG50A ROHM-KD2008-CG50A Datasheet
202Kb / 5P
   Compact medium speed thick film thermal printhead(8dots / mm)
KD2004-CF20A ROHM-KD2004-CF20A Datasheet
92Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KD2004-CF10A ROHM-KD2004-CF10A Datasheet
61Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com