Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDA122TU Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDA122TU
Description  PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDA122TU Datasheet(HTML) 1 Page - Diodes Incorporated

  DDA122TU Datasheet HTML 1Page - Diodes Incorporated DDA122TU Datasheet HTML 2Page - Diodes Incorporated DDA122TU Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30423 Rev. 4 - 2
1 of 3
DDA (LO-R1) U
www.diodes.com
ã Diodes Incorporated
·
Epitaxial Planar Die Construction
·
Complementary NPN Types Available (DDC)
·
Built-In Biasing Resistors
·
Lead-Free/RoHS Compliant (Note 3)
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
A
M
J
L
D
B C
H
K
G
F
PXX YM
Mechanical Data
·
Case: SOT-363
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Matte Tin Solderable per
MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
·
Terminal Connections: See Diagram
·
Marking: Date Code and Marking Code (See Diagrams &
Page 2)
·
Ordering Information (See Page 2)
·
Weight: 0.006 grams (approx.)
R1
R1
R2
6
5
4
3
2
1
R2
R1
R1
6
5
4
3
2
1
R1, R2
R1 Only
SCHEMATIC DIAGRAM
DDA (LO-R1) U
PNP PRE-BIASED SMALL SIGNAL SOT-363
DUAL SURFACE MOUNT TRANSISTOR
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0
°
All Dimensions in mm
P/N
R1 (NOM) R2 (NOM) MARKING
DDA122LU
DDA142JU
DDA122TU
DDA142TU
0.22K
0.47K
0.22K
0.47K
10K
10K
OPEN
OPEN
P81
P82
P83
P84
Characteristic
Symbol
Value
Unit
Supply Voltage (1) to (6) and (4) to (3)
VCC
-50
V
Input Voltage (1) to (2) and (4) to (5)
DDA122LU
DDA142JU
VIN
+5 to -6
+5 to -6
V
Input Voltage (1) to (2) and (4) to (5)
DDA122TU
DDA142TU
VEBO (MAX)
-5
V
Output Current
All
IC
-100
mA
Power Dissipation (Note 2)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 2)
RqJA
625
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Note:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
2. 150mW per element must not be exceeded.
3. No purposefully added lead.
Lead-free
SPICE MODELS: DDA122LU DDA142JU DDA122TU DDA142TU


Similar Part No. - DDA122TU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDA122TU DIODES-DDA122TU Datasheet
191Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30423 Rev. 7 - 2
More results

Similar Description - DDA122TU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDAXXXXU DIODES-DDAXXXXU Datasheet
67Kb / 2P
   PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30346 Rev. 1 - 1
DDA124EU DIODES-DDA124EU_1 Datasheet
102Kb / 6P
   PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30346 Rev. 7 - 2
DCX124EU DIODES-DCX124EU Datasheet
120Kb / 8P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 2 - 2
DDCXXXXU DIODES-DDCXXXXU Datasheet
67Kb / 2P
   NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 1 - 1
DCXU DIODES-DCXU Datasheet
75Kb / 3P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 1 - 1
DCX122LU DIODES-DCX122LU Datasheet
81Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30425 Rev. 3 - 2
DDC122LU DIODES-DDC122LU Datasheet
68Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30424 Rev. 4 - 2
DDC124EU DIODES-DDC124EU Datasheet
100Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 3 - 2
DDC124EU DIODES-DDC124EU_1 Datasheet
106Kb / 6P
   NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 7 - 2
DDTA113ZCA DIODES-DDTA113ZCA Datasheet
76Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 DUAL SURFACE MOUNT TRANSISTOR
DS30334 Rev. 2 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com