Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DDZX5V1BTS Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. DDZX5V1BTS
Description  TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZX5V1BTS Datasheet(HTML) 1 Page - Diodes Incorporated

  DDZX5V1BTS_1 Datasheet HTML 1Page - Diodes Incorporated DDZX5V1BTS_1 Datasheet HTML 2Page - Diodes Incorporated DDZX5V1BTS_1 Datasheet HTML 3Page - Diodes Incorporated DDZX5V1BTS_1 Datasheet HTML 4Page - Diodes Incorporated DDZX5V1BTS_1 Datasheet HTML 5Page - Diodes Incorporated DDZX5V1BTS_1 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Pb
Lead-free
DS30416 Rev. 6 - 2
1 of 6
DDZX5V1BTS - DDZX43TS
www.diodes.com
ã Diodes Incorporated
·
Very Sharp Breakdown Characteristics
·
Very Tight Tolerance on VZ
·
Ideally Suited for Automated Assembly Processes
·
Very Low Leakage Current
·
Lead Free By Design/RoHS Compliant (Note 7)
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Mechanical Data
DDZX5V1BTS - DDZX43TS
TRIPLE SURFACE MOUNT PRECISION ZENER
DIODE ARRAY
A
M
J
L
D
B C
H
K
G
F
KXX
C
3
C
1
C
2
A
2
A
3
A
1
·
Case: SOT-363
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
·
Orientation: See Diagram
·
Marking & Type Code Information: See Electrical
Specifications Table
·
Ordering Information: See Last Page
·
Weight: 0.006 grams (approximate)
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0
°
All Dimensions in mm
Notes:
1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our web at
http://www.diodes.com/datasheets/ap02001.pdf.
TOP VIEW
D
1
D
2
D
3
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Thermal Characteristics @ TA = 25°C unless otherwise specified
SPICE MODEL: DDZX7V5CTS DDZX8V2CTS DDZX9V1CTS DDZX10CTS DDZX11CTS DDZX12CTS DDZX13BTS DDZX14TS DDZX15TS
DDZX16TS DDZX18CTS DDZX20CTS DDZX22DTS DDZX24CTS DDZX27DTS DDZX30DS DDZX33TS DDZX36TS DDZX39FTS DDZX43TS


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn