Electronic Components Datasheet Search |
|
DDTA142TU-7-F Datasheet(PDF) 1 Page - Diodes Incorporated |
|
DDTA142TU-7-F Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 3 page Lead-free Green DS30402 Rev. 5 - 2 1 of 3 DDTA (LO-R1) U www.diodes.com ã Diodes Incorporated DDTA (LO-R1) U PNP PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR · Epitaxial Planar Die Construction · Complementary NPN Types Available (DDTC) · Built-In Biasing Resistors · Lead Free/RoHS Compliant (Note 2) · "Green" Device (Note 3 & 4) Features Maximum Ratings @ TA = 25°C unless otherwise specified A M J L E D B C H K G IN GND OUT 3 2 1 Mechanical Data · Case: SOT-323 · Case Material: Molded Plastic, "Green" Molding Compound, Note 4. UL Flammability Classification Rating 94V-0 · Moisture Sensitivity: Level 1 per J-STD-020C · Terminals: Solderable per MIL-STD-202, Method 208 · Terminal Connections: See Diagram · Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe) · Marking: Date Code and Type Code, See Page 2 · Ordering Information (See Page 2) · Weight: 0.006 grams (approximate) P/N R1 (NOM) R2 (NOM) Type Code DDTA122LU DDTA142JU DDTA122TU DDTA142TU 0.22K W 0.47K W 0.22K W 0.47K W 10K W 10K W OPEN OPEN P81 P82 P83 P84 Characteristic Symbol Value Unit Supply Voltage, (3) to (2) VCC -50 V Input Voltage, (1) to (2) DDTA122LU DDTA142JU VIN +5 to -6 +5 to -6 V Input Voltage, (2) to (1) DDTA122TU DDTA142TU VEBO (MAX) -5 V Output Current All IC -100 mA Power Dissipation (Note 1) Pd 200 mW Thermal Resistance, Junction to Ambient Air (Note 1) RqJA 625 °C/W Operating and Storage and Temperature Range Tj,TSTG -55 to +150 °C SOT-323 Dim Min Max A 0.25 0.40 B 1.15 1.35 C 2.00 2.20 D 0.65 Nominal E 0.30 0.40 G 1.20 1.40 H 1.80 2.20 J 0.0 0.10 K 0.90 1.00 L 0.25 0.40 M 0.10 0.18 a 0 ° 8 ° All Dimensions in mm Note: 1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead. 3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 4. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. Schematic and Pin Configuration R1 OUT B C E R2 3 2 1 IN GND(+) Equivalent Inverter Circuit 1 3 GND (+) C B IN OUT E SPICE MODELS: DDTA122LU DDTA142JU DDTA122TU DDTA142TU |
Similar Part No. - DDTA142TU-7-F |
|
Similar Description - DDTA142TU-7-F |