Electronic Components Datasheet Search |
|
DDTB123EC-7-F Datasheet(PDF) 2 Page - Diodes Incorporated |
|
DDTB123EC-7-F Datasheet(HTML) 2 Page - Diodes Incorporated |
2 / 3 page DS30385 Rev. 6 - 2 2 of 3 DDTB (xxxx) C www.diodes.com Characteristic Symbol Min Typ Max Unit Test Condition Input Voltage DDTB113EC DDTB123EC DDTB143EC DDTB114EC DDTB122JC DDTB113ZC DDTB123YC DDTB133HC Vl(off) -0.5 -0.5 -0.5 -0.5 -0.5 -0.3 -0.3 -0.3 ¾¾ V VCC = -5V, IO = -100 mA DDTB113EC DDTB123EC DDTB143EC DDTB114EC DDTB122JC DDTB113ZC DDTB123YC DDTB133HC Vl(on) ¾¾ -3.0 -3.0 -3.0 -3.0 -3.0 -2.0 -2.0 -2.0 V VO = -0.3V, IO = -20mA VO = -0.3V, IO = -20mA VO = -0.3V, IO = -20mA VO = -0.3V, IO = -10mA VO = -0.3V, IO = -30mA VO = -0.3V, IO = -20mA VO = -0.3V, IO = -20mA VO = -0.3V, IO = -20mA Output Voltage VO(on) ¾¾ -0.3V V IO/Il = -50mA/-2.5mA Input Current DDTB113EC DDTB123EC DDTB143EC DDTB114EC DDTB122JC DDTB113ZC DDTB123YC DDTB133HC Il ¾¾ -7.2 -3.8 -1.8 -0.88 -28 -7.2 -3.6 -2.4 mA VI = -5V Output Current IO(off) ¾¾ -0.5 mA VCC = -50V, VI = 0V DC Current Gain DDTB113EC DDTB123EC DDTB143EC DDTB114EC DDTB122JC DDTB113ZC DDTB123YC DDTB133HC Gl 33 39 47 56 47 56 56 56 ¾¾ ¾ VO = -5V, IO = -50mA Gain-Bandwidth Product* fT ¾ 200 ¾ MHz VCE = -10V, IE = -5mA, f = 100MHz Electrical Characteristics R1, R2 Types @ TA = 25 °C unless otherwise specified * Transistor - For Reference Only Characteristic Symbol Min Typ Max Unit Test Condition Collector-Base Breakdown Voltage BVCBO -50 ¾¾ V IC = -50 mA Collector-Emitter Breakdown Voltage BVCEO -40 ¾¾ V IC = -1mA Emitter-Base Breakdown Voltage DDTB123TC DDTB143TC DDTB114TC DDTB114GC BVEBO -5 ¾ ¾ V IE = -50 mA IE = -50 mA IE = -50 mA IE = -720 mA Collector Cutoff Current ICBO ¾¾ -0.5 mA VCB = -50V Emitter Cutoff Current DDTB123TC DDTB143TC DDTB114TC DDTB114GC IEBO ¾ ¾ ¾ -300 ¾ -0.5 -0.5 -0.5 -580 mA VEB = -4V Collector-Emitter Saturation Voltage VCE(sat) ¾¾ -0.3 V IC = -50mA, IB = -2.5mA DC Current Transfer Ratio DDTB123TC DDTB143TC DDTB114TC DDTB114GC hFE 100 100 100 56 250 250 250 ¾ 600 600 600 ¾ ¾ IC = -5mA, VCE = -5V Gain-Bandwidth Product* fT ¾ 200 ¾ MHz VCE = -10V, IE = 5mA, f = 100MHz Electrical Characteristics R1-Only, R2-Only Types @ TA = 25 °C unless otherwise specified * Transistor - For Reference Only |
Similar Part No. - DDTB123EC-7-F |
|
Similar Description - DDTB123EC-7-F |