Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LLE18150X Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. LLE18150X
Description  NPN silicon planar epitaxial microwave power transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LLE18150X Datasheet(HTML) 5 Page - NXP Semiconductors

  LLE18150X Datasheet HTML 1Page - NXP Semiconductors LLE18150X Datasheet HTML 2Page - NXP Semiconductors LLE18150X Datasheet HTML 3Page - NXP Semiconductors LLE18150X Datasheet HTML 4Page - NXP Semiconductors LLE18150X Datasheet HTML 5Page - NXP Semiconductors LLE18150X Datasheet HTML 6Page - NXP Semiconductors LLE18150X Datasheet HTML 7Page - NXP Semiconductors LLE18150X Datasheet HTML 8Page - NXP Semiconductors LLE18150X Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
September 1994
5
Philips Semiconductors
Product specification
NPN silicon planar epitaxial
microwave power transistor
LLE18150X
Fig.3 Prematching test circuit board.
The test circuit is split into two independent halves, each being 30 x 40 mm in size.
Dimensions in mm.
Substrate: Epsilam 10.
Thickness: 0.635 mm.
Permittivity:
ε
r = 10.
handbook, full pagewidth
MBD732
VBB
VCC
C5
C6
L1
L2
C2
C3
C4
C1
output
input
F1
handbook, full pagewidth
MBD731
30
40
30
40
6.0
2.0
7.0
4.0
4.0
0.7
1.0
5.0
4.0
6.0
1.0
1.0
6.0
2.5
3.0
3.0
13.0
7.0
2.5
0.7
2.5
8.0
17.0
2.5
9.0
2.0
3.0


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn