Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29BL802C Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM29BL802C
Description  8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BL802C Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM29BL802C Datasheet HTML 21Page - Advanced Micro Devices AM29BL802C Datasheet HTML 22Page - Advanced Micro Devices AM29BL802C Datasheet HTML 23Page - Advanced Micro Devices AM29BL802C Datasheet HTML 24Page - Advanced Micro Devices AM29BL802C Datasheet HTML 25Page - Advanced Micro Devices AM29BL802C Datasheet HTML 26Page - Advanced Micro Devices AM29BL802C Datasheet HTML 27Page - Advanced Micro Devices AM29BL802C Datasheet HTML 28Page - Advanced Micro Devices AM29BL802C Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
November 3, 2006 22371C7
Am29BL802C
23
D A TA
SH EET
must write the reset command to return to reading
array data.
The remaining scenario is that the system initially
determines that the toggle bit is toggling and DQ5 has
not gone high. The system may continue to monitor the
toggle bit and DQ5 through successive read cycles,
determining the status as described in the previous
paragraph. Alternatively, it may choose to perform
other system tasks. In this case, the system must start
at the beginning of the algorithm when it returns to
determine the status of the operation (top of Figure 8).
DQ5: Exceeded Timing Limits
DQ5 indicates whether the program or erase time has
exceeded a specified internal pulse count limit. Under
these conditions DQ5 produces a “1.” This is a failure
condition that indicates the program or erase cycle was
not successfully completed.
The DQ5 failure condition may appear if the system
tries to program a “1” to a location that is previously pro-
grammed to “0.” Only an erase operation can change
a “0” back to a “1.” Under this condition, the device
halts the operation, and when the operation has ex-
ceeded the timing limits, DQ5 produces a “1.”
Under both these conditions, the system must issue the
reset command to return the device to reading array
data.
DQ3: Sector Erase Timer
After writing a sector erase command sequence, the
system may read DQ3 to determine whether or not an
erase operation has begun. (The sector erase timer
does not apply to the chip erase command.) If additional
sectors are selected for erasure, the entire time-out also
applies after each additional sector erase command.
When the time-out is complete, DQ3 switches from “0” to
“1.” The system may ignore DQ3 if the system can
guarantee that the time between additional sector
erase commands will always be less than 50
μs. See
also the “Sector Erase Command Sequence” section.
After the sector erase command sequence is written,
the system should read the status on DQ7 (Data# Poll-
ing) or DQ6 (Toggle Bit I) to ensure the device has ac-
cepted the command sequence, and then read DQ3. If
DQ3 is “1”, the internally controlled erase cycle has be-
gun; all further commands (other than Erase Suspend)
are ignored until the erase operation is complete. If
DQ3 is “0”, the device will accept additional sector
erase commands. To ensure the command has been
accepted, the system software should check the status
of DQ3 prior to and following each subsequent sector
erase command. If DQ3 is high on the second status
check, the last command might not have been ac-
cepted. Table 5 shows the outputs for DQ3.
START
No
Yes
Yes
DQ5 = 1?
No
Yes
DQ6 = Toggle?
No
Read Byte
(DQ0-DQ7)
Address = VA
DQ6 = Toggle?
Read Byte Twice
(DQ 0-DQ7)
Adrdess = VA
Read Byte
(DQ0-DQ7)
Address = VA
FAIL
PASS
Notes:
1. Read toggle bit twice to determine whether or not it is
toggling. See text.
2. Recheck toggle bit because it may stop toggling as DQ5
changes to “1”. See text.
Figure 8.
Toggle Bit Algorithm
(Note 1)
(Notes
1, 2)


Similar Part No. - AM29BL802C

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29BL802C SPANSION-AM29BL802C Datasheet
768Kb / 46P
   8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
AM29BL802C SPANSION-AM29BL802C Datasheet
290Kb / 17P
   8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only, Burst-mode, Boot Sector Flash Memory-Die Revision 1
AM29BL802C120RZE SPANSION-AM29BL802C120RZE Datasheet
768Kb / 46P
   8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
AM29BL802C120RZF SPANSION-AM29BL802C120RZF Datasheet
768Kb / 46P
   8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
AM29BL802C120RZI SPANSION-AM29BL802C120RZI Datasheet
768Kb / 46P
   8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
More results

Similar Description - AM29BL802C

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29BL802C SPANSION-AM29BL802C Datasheet
768Kb / 46P
   8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
AM29BL802C SPANSION-AM29BL802C_03 Datasheet
290Kb / 17P
   8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only, Burst-mode, Boot Sector Flash Memory-Die Revision 1
logo
Advanced Micro Devices
AM29LV004B-1 AMD-AM29LV004B-1 Datasheet
769Kb / 40P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV004 AMD-AM29LV004 Datasheet
455Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV004B AMD-AM29LV004B Datasheet
39Kb / 6P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29DL400B AMD-AM29DL400B Datasheet
534Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29LV400 AMD-AM29LV400 Datasheet
516Kb / 40P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B Datasheet
47Kb / 7P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV400BT-90EC SPANSION-AM29LV400BT-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com