Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29LV033C Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29LV033C
Description  32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV033C Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29LV033C Datasheet HTML 7Page - Advanced Micro Devices AM29LV033C Datasheet HTML 8Page - Advanced Micro Devices AM29LV033C Datasheet HTML 9Page - Advanced Micro Devices AM29LV033C Datasheet HTML 10Page - Advanced Micro Devices AM29LV033C Datasheet HTML 11Page - Advanced Micro Devices AM29LV033C Datasheet HTML 12Page - Advanced Micro Devices AM29LV033C Datasheet HTML 13Page - Advanced Micro Devices AM29LV033C Datasheet HTML 14Page - Advanced Micro Devices AM29LV033C Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
22268B5 September 12, 2006
Am29LV033C
9
DA TA
SH EET
DEVICE BUS OPERATIONS
This section describes the requirements and use of
the device bus operations, which are initiated through
the internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is composed of latches that store the
commands, along with the address and data informa-
tion needed to execute the command. The contents of
the register serve as inputs to the internal state ma-
chine. The state machine outputs dictate the function
of the device. Table 1 lists the device bus operations,
the inputs and control levels they require, and the re-
sulting output. The following subsections describe
each of these operations in further detail.
Table 1.
Am29LV033C Device Bus Operations
Legend:
L = Logic Low = V
IL, H = Logic High = VIH, VID = 12.0 ± 0.5 V, X = Don’t Care, AIN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. When the ACC pin is at V
HH, the device enters the accelerated program mode. See “Accelerated Program Operations” on
page 22 for more information.
2.
The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “Sector/Sector
Block Protection and Unprotection” on page 15 section.
Requirements for Reading Array Data
To read array data from the outputs, the system must
drive the CE# and OE# pins to VIL. CE# is the power
control and selects the device. OE# is the output con-
trol and gates array data to the output pins. WE#
should remain at VIH.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory
content occurs during the power transition. No com-
mand is necessary in this mode to obtain array data.
Standard microprocessor read cycles that assert valid
addresses on the device address inputs produce valid
data on the device data outputs. The device remains
enabled for read access until the command register
contents are altered.
See “Reading Array Data” on page 21 for more infor-
mation. Refer to the AC Read Operations table for tim-
ing specifications and to Figure 13, on page 34 for the
timing diagram. ICC1 in the DC Characteristics table
represents the active current specification for reading
array data.
Writing Commands/Command Sequences
To write a command or command sequence (which in-
cludes programming data to the device and erasing
sectors of memory), the system must drive WE# and
CE# to VIL, and OE# to VIH.
The device features an Unlock Bypass mode to facili-
tate faster programming. Once the device enters the
Unlock Bypass mode, only two write cycles are re-
quired to program a byte, instead of four. The “Byte
Program Command Sequence” on page 21 section
has details on programming data to the device using
both standard and Unlock Bypass command se-
quences.
Operation
CE#
OE#
WE#
RESET#
Addresses
DQ0–DQ7
Read
L
L
H
H
A
IN
D
OUT
Write (Note 1)
L
H
L
H
A
IN
D
IN
Standby
V
CC ±
0.3 V
XX
V
CC ±
0.3 V
X
High-Z
Output Disable
L
H
H
H
X
High-Z
Reset
X
X
X
L
X
High-Z
Sector/Sector Block Protect
(Note 2)
LH
L
V
ID
Sector Addresses,
A6 = L, A1 = H, A0 = L
D
IN, DOUT
Sector/Sector Block Unprotect
(Note 2)
LH
L
V
ID
Sector Addresses
A6 = H, A1 = H, A0 = L
D
IN, DOUT
Temporary Sector/Sector Block
Unprotect
XX
X
V
ID
A
IN
D
IN


Similar Part No. - AM29LV033C

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV033C AMD-AM29LV033C Datasheet
1,023Kb / 48P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV033C-120 AMD-AM29LV033C-120 Datasheet
1,023Kb / 48P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV033C-120EE AMD-AM29LV033C-120EE Datasheet
1,023Kb / 48P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV033C-120EI AMD-AM29LV033C-120EI Datasheet
1,023Kb / 48P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV033C-120FE AMD-AM29LV033C-120FE Datasheet
1,023Kb / 48P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
More results

Similar Description - AM29LV033C

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV033C AMD-AM29LV033C Datasheet
1,023Kb / 48P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
SPANSION
AM29F032B SPANSION-AM29F032B_09 Datasheet
803Kb / 40P
   32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F032B AMD-AM29F032B_06 Datasheet
798Kb / 39P
   32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F032B AMD-AM29F032B Datasheet
937Kb / 39P
   32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV081B AMD-AM29LV081B_06 Datasheet
952Kb / 40P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV081 AMD-AM29LV081 Datasheet
439Kb / 35P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
Advanced Micro Devices
AM29LV017B AMD-AM29LV017B Datasheet
510Kb / 39P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV017D AMD-AM29LV017D_05 Datasheet
948Kb / 48P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com