Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29PL160C Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM29PL160C
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL160C Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM29PL160C_06 Datasheet HTML 2Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 3Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 4Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 5Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 6Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 7Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 8Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 9Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
4
Am29PL160C
22143C7 May 9, 2006
D A TA
SH EE T
PRODUCT SELECTOR GUIDE
Note: See “AC Characteristics” for full specifications.
BLOCK DIAGRAM
Family Part Number
Am29PL160C
Speed Option
Regulated Voltage Range: VCC =3.0–3.6 V
-65R
-70R
Full Voltage Range: VCC = 2.7–3.6 V
-90
Max access time, ns (tACC)65
70
90
Max CE# access time, ns (tCE)65
70
90
Max page access time, ns (tPACC)25
25
30
Max OE# access time, ns (tOE)25
25
30
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
WE#
BYTE#
CE#
OE#
STB
STB
DQ0
DQ15
Data
Latch
Y-Gating
Cell Matrix
A0–A19
A-1


Similar Part No. - AM29PL160C_06

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29PL160CB-120 AMD-AM29PL160CB-120 Datasheet
987Kb / 44P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
AM29PL160CB-120EI AMD-AM29PL160CB-120EI Datasheet
987Kb / 44P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
AM29PL160CB-120SI AMD-AM29PL160CB-120SI Datasheet
987Kb / 44P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
AM29PL160CB-120SKI AMD-AM29PL160CB-120SKI Datasheet
987Kb / 44P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
AM29PL160CB-65R AMD-AM29PL160CB-65R Datasheet
987Kb / 44P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
More results

Similar Description - AM29PL160C_06

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29PLI60C AMD-AM29PLI60C Datasheet
987Kb / 44P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
AM29PL320D AMD-AM29PL320D Datasheet
941Kb / 49P
   32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
logo
SPANSION
AM29PL320D SPANSION-AM29PL320D Datasheet
947Kb / 50P
   32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
logo
Advanced Micro Devices
AM70PDL127CDH AMD-AM70PDL127CDH Datasheet
1Mb / 127P
   2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
logo
SPANSION
AM70PDL127BDH SPANSION-AM70PDL127BDH Datasheet
2Mb / 128P
   2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
logo
Advanced Micro Devices
AM29LV160B-1 AMD-AM29LV160B-1 Datasheet
695Kb / 48P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29DL16XD AMD-AM29DL16XD_06 Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com