Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LLE18100X Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. LLE18100X
Description  NPN silicon planar epitaxial microwave power transistor
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LLE18100X Datasheet(HTML) 5 Page - NXP Semiconductors

  LLE18100X Datasheet HTML 1Page - NXP Semiconductors LLE18100X Datasheet HTML 2Page - NXP Semiconductors LLE18100X Datasheet HTML 3Page - NXP Semiconductors LLE18100X Datasheet HTML 4Page - NXP Semiconductors LLE18100X Datasheet HTML 5Page - NXP Semiconductors LLE18100X Datasheet HTML 6Page - NXP Semiconductors LLE18100X Datasheet HTML 7Page - NXP Semiconductors LLE18100X Datasheet HTML 8Page - NXP Semiconductors LLE18100X Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
November 1994
5
Philips Semiconductors
Product specification
NPN silicon planar epitaxial microwave
power transistor
LLE18100X
List of components (see bias circuit)
Notes
1. In thermal contact with TR1.
2. In thermal contact with D.U.T.
COMPONENT
DESCRIPTION
VALUE
CATALOGUE NO.
TR1
transistor, BDT85 (or equivalent)
D1
diode, BY239800 (or equivalent)
note 1
D2
diode, BY239800
note 2
R1
resistor
100
R2
resistor
3.3 k
R3
resistor
56
P1
potentiometer, 10 turns (sfernice)
4.7 k
C1
electrolytic capacitor
10
µF, 40 V
C5, C6
feedthrough bypass capacitor
1500 pF
Erie, ref. 1250-003
L1
5 turns 0.5 mm copper wire with ferrite bead
L2
5 turns 0.5 mm copper wire
Fig.4 Prematching test circuit board.
Dimensions in mm
Substrate : Epsilam 10
Thickness : 0.635 mm
Permittivity :
εr = 10
handbook, full pagewidth
MCD660
1
5.5
0.635
0.7
0.7
11
2
6.5
3
1
2
3.2 2.3
6
6
0.635
3.2
4.9
30 mm
40 mm
30 mm
40 mm
input
output
3
1
9.1
3.5
5
1
11.5
10
2
3.4
3
0.7
0.7


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn