Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103ATW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SD103ATW
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD103ATW Datasheet(HTML) 1 Page - Diodes Incorporated

  SD103ATW Datasheet HTML 1Page - Diodes Incorporated SD103ATW Datasheet HTML 2Page - Diodes Incorporated SD103ATW Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free
DS30374 Rev. 6 - 2
1 of 3
SD103ATW
www.diodes.com
ã Diodes Incorporated
SD103ATW
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Features
A
B C
J
D
TOP VIEW
H
K
F
M
L
·
Low Forward Voltage Drop
·
Guard Ring Construction for
Transient Protection
·
Fast Switching
·
Low Leakage Current
·
Three Fully Isolated Schottky Diodes
·
Lead Free/RoHS Compliant (Note 3)
·
Case: SOT-363
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Polarity: See Diagram
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
·
Marking: KLL (See Page 3)
·
Ordering Information: (See Page 3)
·
Weight: 0.006 grams (approx.)
Mechanical Data
Maximum Ratings @ TA = 25°C unless otherwise specified
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Forward Continuous Current (Note 1)
IFM
350
mA
Average Rectified Current (Note 1)
IO
175
mA
Non-Repetitive Peak Forward Surge Current
(Note 1)
@ t
£ 10ms
IFSM
1.0
A
Power Dissipation (Note 4)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 4)
RqJA
500
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +125
°C
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
40
¾¾
V
IRS = 100
mA (pulsed)
Forward Voltage Drop
VF
¾
¾
¾
¾
0.27
0.32
0.36
0.44
¾
¾
0.37
0.50
V
V
V
V
IF = 1mA
IF = 5mA
IF = 20mA
IF = 100mA
Reverse Current (Note 2)
IR
¾
¾
0.2
0.4
2.0
5.0
mA
mA
VR = 10V
VR = 30V
Total Capacitance
CT
¾
50
¾
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
¾
10
¾
ns
IF = IR = 200mA,
Irr = 0.1 x IR,RL = 100
W
Notes: 1. This is the maximum rating of single Diode (D1 or D2 or D3). In the case of using two or three diodes, the maximum ratings per diode are 75% of the
ratings for single diode operation.
2. Short duration test pulse used to minimize self-heating effect.
3. No purposefully added lead.
4. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0
°
All Dimensions in mm
SPICE MODELS: SD103ATW


Similar Part No. - SD103ATW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD103ATW DIODES-SD103ATW Datasheet
55Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 1 - 2
logo
Nanjing International G...
SD103ATW DGNJDZ-SD103ATW Datasheet
1Mb / 4P
   S0T-363 Plastic-Encapsulate Diodes
logo
Diodes Incorporated
SD103ATW DIODES-SD103ATW Datasheet
122Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 9 - 2
logo
SeCoS Halbleitertechnol...
SD103ATW SECOS-SD103ATW Datasheet
140Kb / 2P
   Surface Mount Schottky Diode Array
logo
Micro Commercial Compon...
SD103ATW MCC-SD103ATW Datasheet
219Kb / 3P
   200mW SCHOTTKY BARRIER DIODE
More results

Similar Description - SD103ATW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD103ASDM DIODES-SD103ASDM_08 Datasheet
121Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Rev. 9 - 2 July 2008
SD103ATW DIODES-SD103ATW_08 Datasheet
122Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 9 - 2
logo
Leshan Radio Company
LRB731XNRT1G LRC-LRB731XNRT1G Datasheet
253Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
logo
SeCoS Halbleitertechnol...
BAT54TW SECOS-BAT54TW Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Diode Array
logo
Diodes Incorporated
BAS70JW DIODES-BAS70JW Datasheet
54Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30188 Rev. E-2
SD103ATW DIODES-SD103ATW Datasheet
55Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 1 - 2
SD103ASDM DIODES-SD103ASDM Datasheet
50Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30294 Rev. 2 - 2
BAT54JW DIODES-BAT54JW Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30157 Rev. 4 - 2
logo
Leshan Radio Company
LBAT54TW1T1G LRC-LBAT54TW1T1G Datasheet
93Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
LBAT54TW1T1G LRC-LBAT54TW1T1G_15 Datasheet
172Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com