Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX84C43 Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. BZX84C43
Description  350mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C43 Datasheet(HTML) 1 Page - Diodes Incorporated

  BZX84C43_1 Datasheet HTML 1Page - Diodes Incorporated BZX84C43_1 Datasheet HTML 2Page - Diodes Incorporated BZX84C43_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free
DS30370 Rev. 5 - 2
1 of 3
BZX84C43 - BZX84C51
www.diodes.com
ã Diodes Incorporated
BZX84C43 - BZX84C51
350mW SURFACE MOUNT ZENER DIODE
Features
·
Planar Die Construction
·
350mW Power Dissipation
·
Zener Voltages from 43V - 51V
·
Ideally Suited for Automated Assembly Processes
·
Lead Free/RoHS Compliant (Note 3)
Mechanical Data
A
E
J
L
TOP VIEW
M
B
C
H
G
D
K
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Power Dissipation (Note 1)
Pd
300
mW
Power Dissipation (Note 2)
Pd
350
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
417
°
C/W
Thermal Resistance, Junction to Ambient Air (Note 2)
RqJA
357
°
C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°
C
Notes:
1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
2. Valid provided the terminals are kept at ambient temperature.
3. No purposefully added lead.
Maximum Ratings @ TA = 25°C unless otherwise specified
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
All Dimensions in mm
·
Case: SOT-23
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe). Please see Ordering Information, Note 7, on
Page 3
·
Polarity: See Diagram
·
Marking: Type Code and Date Code, See Page 3
·
Type Code: See Table on Page 2
·
Weight: 0.008 grams (approximate)
TOP VIEW
SPICE MODELS: BZX84C43 BZX84C47 BZX84C51


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX84C2V4_1350mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
MMBZ5221B_1350mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
BZX84C2V4T_1150mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
BZT52C43_1SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
DZ23C2V7_1300mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
AZ23C2V7_1300mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
BZT52C2V0_1SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
MMBZ5221BT_1150mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
MMSZ5221B_1500mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
SMAZ5V1_11.0W SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn