Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB0405C-LF-T7 Datasheet(PDF) 5 Page - Protek Devices

Part # USB0405C-LF-T7
Description  LOW CAPACITANCE TVS ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB0405C-LF-T7 Datasheet(HTML) 5 Page - Protek Devices

  USB0405C-LF-T7 Datasheet HTML 1Page - Protek Devices USB0405C-LF-T7 Datasheet HTML 2Page - Protek Devices USB0405C-LF-T7 Datasheet HTML 3Page - Protek Devices USB0405C-LF-T7 Datasheet HTML 4Page - Protek Devices USB0405C-LF-T7 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
USB0403
thru
USB0424C
5
05205.R1 6/06
www.protekdevices.com
SOT-143 PACKAGE OUTLINE & DIMENSIONS
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance with EIA-481.
2. Suffix-T7 = 7 Inch Reel - 3,000 pieces per 8mm tape, i.e.,
USB0405C-T7.
3. Suffix-T13 = 13 Inch Reel - 10,000 pieces per 8mm tape,
i.e.,
USB0405C-T13.
4. Suffix - LF = Lead-Free, Pure-Tin Plating, i.e.,
USB0405C-LF-T7.
A
B
C
D
F
G
H
J
K
L
R
S
2.80
1.20
0.84
0.39
0.79
1.78
0.013
0.08
0.46
0.445
0.72
2.11
3.04
1.39
1.14
0.50
0.93
2.03
0.10
0.15
0.60
0.60
0.83
2.48
0.110
0.047
0.033
0.015
0.031
0.070
0.0005
0.003
0.018
0.0175
0.028
0.083
0.120
0.055
0.045
0.020
0.037
0.080
0.004
0.006
0.024
0.024
0.033
0.098
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES
1. Dimensioning and tolerances per ANSI Y14.5M, 1985.
2. Controlling Dimension: Inches
3. Dimensions are exclusive of mold flash and metal burrs.
PACKAGE OUTLINE
SOT-143
MOUNTING PAD
A
G
L
B
S
F
D
K
J
C
R
H
0.112
0.079
0.071
0.075
0.041
0.108
0.047
0.031
0.033
0.033
0.033
1
2
3
4
5
6
7
8
9
10
11
2.85
2.00
1.80
1.90
1.05
2.75
1.20
0.80
0.85
0.85
0.85
DIM Millimeters Inches
TYPICAL
1
2
4
3
5
6
79
8
10
11
Top cover tape
K0
t
D
P0
P2
10 Pitches Cumulative
Tolerance on Tape. ± 0.2
A0
B0
P
E
F
W
User Direction of Feed
Tape & Reel Specifications (Dimensions in millimeters)
D
E
P0
tmax
FP2
W
1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ±0.30 4.00 ±0.10 2.00 ±0.05
P
4.00 ±0.10
0.25
A0
B0
K0
Reel Dia.
Tape Width
178mm (7”)
8mm
3.10 ± 0.10 2.70 ± 0.10 1.35 ± 0.10
COPYRIGHT © ProTek Devices 2003
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is
the buyer’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such
products.
Outline & Dimensions: Rev 2 - 6/06, 06011
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com


Similar Part No. - USB0405C-LF-T7

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USB0405C MICROSEMI-USB0405C Datasheet
159Kb / 2P
   TVSarray ??Series
logo
Protek Devices
USB0405C PROTEC-USB0405C Datasheet
117Kb / 5P
   LOW CAPACITANCE TVS ARRAY
USB0405C PROTEC-USB0405C Datasheet
900Kb / 9P
   350 watt low capacitance tvs array
USB0405C PROTEC-USB0405C Datasheet
901Kb / 9P
   350 WATT LOW CAPACITANCE TVS ARRAY
More results

Similar Description - USB0405C-LF-T7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
   LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Semtech Corporation
RCLAMP3654PA SEMTECH-RCLAMP3654PA Datasheet
166Kb / 9P
   Low Capacitance TVS Array
logo
Protek Devices
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com