Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDA123JK-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DDA123JK-7
Description  PNP PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDA123JK-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  DDA123JK-7 Datasheet HTML 1Page - Diodes Incorporated DDA123JK-7 Datasheet HTML 2Page - Diodes Incorporated DDA123JK-7 Datasheet HTML 3Page - Diodes Incorporated DDA123JK-7 Datasheet HTML 4Page - Diodes Incorporated DDA123JK-7 Datasheet HTML 5Page - Diodes Incorporated DDA123JK-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DS30349 Rev. 5 - 2
5 of 6
DDA (xxxx) K
www.diodes.com
1
1
10
010
20
30
40
50
I , COLLECTOR CURRENT (mA)
Fig. 6 Input Voltage vs. Collector Current
C
V = 0.2V
O
-25°C
25°C
75 C
°
0.01
0.1
1
10
100
01
2
3
4
89
10
V , INPUT VOLTAGE (V)
Fig. 5 Collector Current Vs. Input Voltage
in
-25°C
5
67
75°C
25°C
0.001
0
6
12
0
20
30
V , REVERSE BIAS VOLTAGE (V)
Fig. 4 Output Capacitance
R
10
5
15
25
10
8
4
2
f=1MHz
10
1000
100
1
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 3 DC Current Gain
V= 10V
CE
75 C
°
-25 C
°
25 C
°
0.001
0.01
0.1
1
0
10
20
30
40
50
Fig. 2
I , COLLECTOR CURRENT (mA)
V
vs. I
C
CE(SAT)
C
I/I = 10
CB
-25 C
°
25 C
°
75 C
°
-50
0
50
100
150
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Derating Curve
A
°
TYPICAL CURVES - DDA114TK
ONE SECTION


Similar Part No. - DDA123JK-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDA123JK-7 DIODES-DDA123JK-7 Datasheet
86Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR
DS30349 Rev. 2 - 2
DDA123JK-7 DIODES-DDA123JK-7 Datasheet
85Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR
DS30348 Rev. 2 - 2
More results

Similar Description - DDA123JK-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDA124EK DIODES-DDA124EK Datasheet
86Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR
DS30349 Rev. 2 - 2
DDC124EK DIODES-DDC124EK Datasheet
85Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR
DS30348 Rev. 2 - 2
DDTA113ZCA DIODES-DDTA113ZCA Datasheet
76Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 DUAL SURFACE MOUNT TRANSISTOR
DS30334 Rev. 2 - 2
DDA124EH DIODES-DDA124EH_1 Datasheet
89Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30420 Rev. 3 - 2
DDA124EH DIODES-DDA124EH Datasheet
83Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30420 Rev. 1 - 2
DDTA113TCA DIODES-DDTA113TCA Datasheet
66Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 DUAL SURFACE MOUNT TRANSISTOR
DS30335 Rev. 2 - 2
DDAXXXXU DIODES-DDAXXXXU Datasheet
67Kb / 2P
   PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30346 Rev. 1 - 1
DDTA113TE DIODES-DDTA113TE Datasheet
71Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 DUAL SURFACE MOUNT TRANSISTOR
DS30319 Rev. 2 - 2
DDA122LU DIODES-DDA122LU Datasheet
77Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30423 Rev. 4 - 2
DDA124EU DIODES-DDA124EU Datasheet
88Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-63 DUAL SURFACE MOUNT TRANSISTOR
DS30346 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com