Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZT52C43 Datasheet(PDF) 2 Page - Diodes Incorporated

Part No. BZT52C43
Description  SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52C43 Datasheet(HTML) 2 Page - Diodes Incorporated

  BZT52C43_1 Datasheet HTML 1Page - Diodes Incorporated BZT52C43_1 Datasheet HTML 2Page - Diodes Incorporated BZT52C43_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30363 Rev. 9 - 2
2 of 3
BZT52C43 - BZT52C51
www.diodes.com
0
0.1
0.2
0.3
0.4
0.5
25
050
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Dissipation vs. Ambient Temperature
A
°
0.6
0
2
4
6
8
10
10
20
30
40
50
60
70
80
90 100
V , ZENER VOLTAGE (V)
Fig. 2 Zener Breakdown Characteristics
Z
C43
C47
C51
T = 25°C
j
1
10
100
100
10
V , NOMINAL ZENER VOLTAGE (V)
Fig. 3 Total Capacitance vs. Nominal Zener Voltage
Z
T= 25 °C
j
V= 1V
R
V= 2V
R
Ordering Information (Note 6 and 7)
Device
Packaging
Shipping
BZT52CXX-7-F (Note 6)
SOD-123
3000/Tape & Reel
Notes:
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
7. Replace “XX” with the nominal Zener breakdown voltage; i.e. Part number for 43V device would be BZT52C43-7-F.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX84C2V4_1350mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
BZX84C2V4T_1150mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
DZ23C2V7_1300mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
AZ23C2V7_1300mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
BZT52C2V0_1SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
MMBZ5221BT_1150mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
MMSZ5221B_1500mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
MMBZ5221B_1350mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
SMAZ5V1_11.0W SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
BZX84C2V4S_1DUAL 200mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn