Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0640M Datasheet(PDF) 4 Page - Diodes Incorporated

Part # TB0640M
Description  50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TB0640M Datasheet(HTML) 4 Page - Diodes Incorporated

  TB0640M_1 Datasheet HTML 1Page - Diodes Incorporated TB0640M_1 Datasheet HTML 2Page - Diodes Incorporated TB0640M_1 Datasheet HTML 3Page - Diodes Incorporated TB0640M_1 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS30361 Rev. 7 - 2
4 of 4
TB0640M - TB3500M
www.diodes.com
Ordering Information (Note 4)
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
XXXXX
YWW
XXXXX = Product Type Marking Code (See Table on Page 2)
YWW = Date Code Marking
Y = Year ex: 2 = 2002
WW = Week Code 01 to 52
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
23
4
5
6
7
8
9
IMPORTANT NOTICE
LIFE SUPPORT
www.diodes.com
Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhance-
ments, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein;
neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such
use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
The products located on our website at
are not recommended for use in life support systems where a failure or malfunction of the
component may directly threaten life or cause injury without the express written approval of Diodes Incorporated.
Device
Packaging
Shipping
TB0640M-13-F
SMB
3000/Tape & Reel
TB0720M-13-F
SMB
3000/Tape & Reel
TB0900M-13-F
SMB
3000/Tape & Reel
TB1100M-13-F
SMB
3000/Tape & Reel
TB1300M-13-F
SMB
3000/Tape & Reel
TB1500M-13-F
SMB
3000/Tape & Reel
TB1800M-13-F
SMB
3000/Tape & Reel
TB2300M-13-F
SMB
3000/Tape & Reel
TB2600M-13-F
SMB
3000/Tape & Reel
TB3100M-13-F
SMB
3000/Tape & Reel
TB3500M-13-F
SMB
3000/Tape & Reel


Similar Part No. - TB0640M_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TB0640M-13 DIODES-TB0640M-13 Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
TB0640M DIODES-TB0640M_10 Datasheet
114Kb / 5P
   50A BIDIRECTIONAL SURFACE MOUNT THYRISTOR DUAL NPN TRANSISTOR
DS30361 Rev. 9 - 2
More results

Similar Description - TB0640M_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640L DIODES-TB0640L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB0640L DIODES-TB0640L_1 Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
TB0640H DIODES-TB0640H_1 Datasheet
76Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 7 - 2
logo
Weitron Technology
T064AB-LC WEITRON-T064AB-LC Datasheet
262Kb / 3P
   Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
T110AB-LC WEITRON-T110AB-LC_07 Datasheet
296Kb / 3P
   Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
logo
Pan Jit International I...
TSP058SB PANJIT-TSP058SB Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SC PANJIT-TSP058SC Datasheet
110Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SA PANJIT-TSP058SA Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com