Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCX114YU-7-F Datasheet(PDF) 9 Page - Diodes Incorporated

Part # DCX114YU-7-F
Description  SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX114YU-7-F Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button DCX114YU-7-F Datasheet HTML 3Page - Diodes Incorporated DCX114YU-7-F Datasheet HTML 4Page - Diodes Incorporated DCX114YU-7-F Datasheet HTML 5Page - Diodes Incorporated DCX114YU-7-F Datasheet HTML 6Page - Diodes Incorporated DCX114YU-7-F Datasheet HTML 7Page - Diodes Incorporated DCX114YU-7-F Datasheet HTML 8Page - Diodes Incorporated DCX114YU-7-F Datasheet HTML 9Page - Diodes Incorporated DCX114YU-7-F Datasheet HTML 10Page - Diodes Incorporated DCX114YU-7-F Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DS30347 Rev. 8 - 2
9 of 11
DCX (xxxx) U
www.diodes.com
1
1
10
0
10
20
30
40
50
I , COLLECTOR CURRENT (mA)
C
Fig. 30 Input Voltage vs. Collector Current
V = 0.2V
O
T =
A
-25°C
T =
A
25°C
T =
A
75
°C
0.01
0.1
1
10
100
0
1
2
3
4
8
9
10
V , INPUT VOLTAGE (V)
in
Fig. 29 Collector Current Vs. Input Voltage
T =
A
-25°C
5
6
7
T =
A
75°C
T =
A
25°C
0.001
0
1
2
3
4
0
20
30
V , REVERSE BIAS VOLTAGE (V)
R
Fig. 28 Output Capacitance
10
5
15
25
I = 0mA
E
f = 1MHz
10
1000
100
1
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 27 DC Current Gain
V
= 10V
CE
T =
A
75
°C
T =
A
-25
°C
T =
A
25
°C
0.001
0.01
0.1
1
0
10
20
30
40
50
I , COLLECTOR CURRENT (mA)
C
Fig. 26 V
vs. I
CE(SAT)
C
I /I
= 10
C B
T =
A
-25
°C
T =
A
75
°C
T =
A
25
°C
TYPICAL CURVES - DCX114TU
PNP SECTION


Similar Part No. - DCX114YU-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX114YU-7-F DIODES-DCX114YU-7-F Datasheet
1Mb / 14P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
December 2021
More results

Similar Description - DCX114YU-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ACX124EUQ DIODES-ACX124EUQ Datasheet
451Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 3 - 2 March 2017
ACX143ZUQ DIODES-ACX143ZUQ Datasheet
397Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 2 - 2 September 2017
DCX124EU DIODES-DCX124EU_2 Datasheet
400Kb / 12P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
DS30347 Rev. 11 - 2
DCXXXXXU DIODES-DCXXXXXU Datasheet
1Mb / 14P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
December 2021
ACX114EUQ DIODES-ACX114EUQ Datasheet
427Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 1 - 2 September 2017
ACX114YUQ DIODES-ACX114YUQ Datasheet
434Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 2 - 2 January 2017
DCX122LU DIODES-DCX122LU_1 Datasheet
211Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30425 Rev. 5 - 2
DCX122LH DIODES-DCX122LH_1 Datasheet
206Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30429 Rev. 3 - 2
DCX122LU-7 DIODES-DCX122LU-7 Datasheet
211Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DCX124EH DIODES-DCX124EH_2 Datasheet
240Kb / 6P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com