Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCX144EU-7-F Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DCX144EU-7-F
Description  SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX144EU-7-F Datasheet(HTML) 3 Page - Diodes Incorporated

  DCX144EU-7-F Datasheet HTML 1Page - Diodes Incorporated DCX144EU-7-F Datasheet HTML 2Page - Diodes Incorporated DCX144EU-7-F Datasheet HTML 3Page - Diodes Incorporated DCX144EU-7-F Datasheet HTML 4Page - Diodes Incorporated DCX144EU-7-F Datasheet HTML 5Page - Diodes Incorporated DCX144EU-7-F Datasheet HTML 6Page - Diodes Incorporated DCX144EU-7-F Datasheet HTML 7Page - Diodes Incorporated DCX144EU-7-F Datasheet HTML 8Page - Diodes Incorporated DCX144EU-7-F Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DS30347 Rev. 8 - 2
3 of 11
DCX (xxxx) U
www.diodes.com
Characteristic (DCX143TU & DCX114TU only)
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-50
V
IC = -50
µA
Collector-Emitter Breakdown Voltage
BVCEO
-50
V
IC = -1mA
Emitter-Base Breakdown Voltage
BVEBO
-5
V
IE = -50
µA
Collector Cutoff Current
ICBO
-0.5
µA
VCB = -50V
Emitter Cutoff Current
IEBO
-0.5
µA
VEB = -4V
Collector-Emitter Saturation Voltage
VCE(sat)
-0.3
V
IC/IB = 2.5mA / 0.25mA
DCX143TU
IC/IB = 1mA / 0.1mA
DCX114TU
DC Current Transfer Ratio
hFE
100
250
600
IC = -1mA, VCE = -5V
Input Resistor (R1) Tolerance
∆R1
-30
+30
%
Gain-Bandwidth Product
fT
250
MHz
VCE = -10V, IE = 5mA, f = 100MHz
@ TA = 25
°C unless otherwise specified
Electrical Characteristics PNP Section
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
DCX143EU
Vl(off)
0.5
0.5
0.3
0.5
0.5
0.5
1.1
1.1
1.1
1.16
V
VCC = 5V, IO = 100
µA
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
DCX143EU
Vl(on)
1.9
1.9
1.9
1.99
3.0
3.0
1.4
1.1
3.0
3.0
VO = 0.3, IO = 5mA
VO = 0.3, IO = 2mA
VO = 0.3, IO = 1mA
VO = 0.3, IO = 5mA
VO = 0.3, IO = 10mA
VO = 0.3, IO = 20mA
Output Voltage
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
DCX143EU
VO(on)
0.1
0.3
V
IO/Il = 10mA / 0.5mA
IO/Il = 10mA / 0.5mA
IO/Il = 5mA / 0.25mA
IO/Il = 5mA / 0.25mA
IO/Il = 10mA / 0.5mA
IO/Il = 10mA / 0.5mA
Input Current
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
DCX143EU
Il
0.36
0.18
0.88
3.6
0.88
0.88
mA
VI = 5V
Output Current
IO(off)
0.5
µA
VCC = 50V, VI = 0V
DC Current Gain
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
DCX143EU
Gl
56
68
68
80
30
50
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 5mA
VO = 5V, IO = 10mA
Input Resistor (R1) Tolerance
∆R1
-30
+30
%
Resistance Ratio Tolerance
R2/R1
-20
+20
%
Gain-Bandwidth Product
fT
250
MHz
VCE = 10V, IE = 5mA,
f = 100MHz
Electrical Characteristics NPN Section (Continued) @ TA = 25°C unless otherwise specified


Similar Part No. - DCX144EU-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX144EU-7-F DIODES-DCX144EU-7-F Datasheet
1Mb / 14P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
December 2021
More results

Similar Description - DCX144EU-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ACX124EUQ DIODES-ACX124EUQ Datasheet
451Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 3 - 2 March 2017
ACX143ZUQ DIODES-ACX143ZUQ Datasheet
397Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 2 - 2 September 2017
DCX124EU DIODES-DCX124EU_2 Datasheet
400Kb / 12P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
DS30347 Rev. 11 - 2
DCXXXXXU DIODES-DCXXXXXU Datasheet
1Mb / 14P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
December 2021
ACX114EUQ DIODES-ACX114EUQ Datasheet
427Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 1 - 2 September 2017
ACX114YUQ DIODES-ACX114YUQ Datasheet
434Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 2 - 2 January 2017
DCX122LU DIODES-DCX122LU_1 Datasheet
211Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30425 Rev. 5 - 2
DCX122LH DIODES-DCX122LH_1 Datasheet
206Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30429 Rev. 3 - 2
DCX122LU-7 DIODES-DCX122LU-7 Datasheet
211Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DCX124EH DIODES-DCX124EH_2 Datasheet
240Kb / 6P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com