Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTC144TKA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTC144TKA
Description  NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC144TKA Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTC144TKA Datasheet HTML 1Page - Diodes Incorporated DDTC144TKA Datasheet HTML 2Page - Diodes Incorporated DDTC144TKA Datasheet HTML 3Page - Diodes Incorporated DDTC144TKA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead-free Green
DS30339 Rev. 5 - 2
1 of 4
DDTC (R1-ONLY SERIES) KA
www.diodes.com
© Diodes Incorporated
DDTC (R1-ONLY SERIES) KA
NPN PRE-BIASED SMALL SIGNAL SC-59
SURFACE MOUNT TRANSISTOR
Epitaxial Planar Die Construction
Complementary PNP Types Available (DDTA)
Built-In Biasing Resistor, R1 only
Lead Free/RoHS Compliant (Note 2)
"Green" Device, Note 3 and 4
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
Mechanical Data
Case: SC-59
Case Material: Molded Plastic, "Green" Molding
Compound, Note 4
. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over Copper
leadframe).
Terminal Connections: See Diagram
Marking: Date Code and Type Code (See Diagrams &
Page 2)
Ordering Information (See Page 2)
Weight: 0.008 grams (approximate)
B
R
1
SCHEMATIC DIAGRAM
E
C
P/N
R1 (NOM)
Type Code
DDTC113TKA
DDTC123TKA
DDTC143TKA
DDTC114TKA
DDTC124TKA
DDTC144TKA
DDTC115TKA
DDTC125TKA
1K
2.2K
4.7K
10K
22K
47K
100K
200K
N01
N03
N07
N12
N16
N19
N23
N25
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC (Max)
100
mA
Power Dissipation
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RθJA
625
°C/W
Operating and Storage and Temperature Range
Tj, TSTG
-55 to +150
°C
SC-59
Dim
Min
Max
A
0.35
0.50
B
1.50
1.70
C
2.70
3.00
D
0.95
G
1.90
H
2.90
3.10
J
0.013
0.10
K
1.00
1.30
L
0.35
0.55
M
0.10
0.20
α
0
°
8
°
All Dimensions in mm
Note:
1.
Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf
2. No purposefully added lead.
3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
4. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to
Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
A
M
J
L
F
D
B C
H
K
G
B
E
C
SPICE MODELS: DDTC113TKA DDTC123TKA DDTC143TKA DDTC114TKA DDTC124TKA DDTC144TKA DDTC115TKA DDTC125TKA


Similar Part No. - DDTC144TKA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC144TKA DIODES-DDTC144TKA Datasheet
69Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30339 Rev. 2 - 2
DDTC144TKA DIODES-DDTC144TKA Datasheet
134Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30339 Rev. 6 - 2
DDTC144TKA-7 DIODES-DDTC144TKA-7 Datasheet
69Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30339 Rev. 2 - 2
More results

Similar Description - DDTC144TKA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC114GKA DIODES-DDTC114GKA Datasheet
68Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30340 Rev. 2 - 2
DDTC123EKA DIODES-DDTC123EKA_1 Datasheet
87Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30337 Rev. 7 - 2
DDTC113TKA DIODES-DDTC113TKA Datasheet
69Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30339 Rev. 2 - 2
DDTC113ZKA DIODES-DDTC113ZKA Datasheet
71Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30338 Rev. 2 - 2
DDTC123EKA DIODES-DDTC123EKA Datasheet
70Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30337 Rev. 3 - 2
DDTC113ZKA DIODES-DDTC113ZKA_1 Datasheet
94Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30338 Rev. 7 - 2
DDTC114GKA DIODES-DDTC114GKA_1 Datasheet
93Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30340 Rev. 5 - 2
DDTA123EKA DIODES-DDTA123EKA_1 Datasheet
87Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30341 Rev. 7 - 2
DDTA123EKA DIODES-DDTA123EKA Datasheet
70Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30341 Rev. 3 - 2
DDTA113ZKA DIODES-DDTA113ZKA_1 Datasheet
90Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30342 Rev. 6 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com