Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTC114YKA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTC114YKA
Description  NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC114YKA Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTC114YKA Datasheet HTML 1Page - Diodes Incorporated DDTC114YKA Datasheet HTML 2Page - Diodes Incorporated DDTC114YKA Datasheet HTML 3Page - Diodes Incorporated DDTC114YKA Datasheet HTML 4Page - Diodes Incorporated DDTC114YKA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS30338 Rev. 7 - 2
2 of 5
DDTC (R1
¹R2 SERIES) KA
www.diodes.com
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DDTC113ZKA
DDTC123YKA
DDTC123JKA
DDTC143XKA
DDTC143FKA
DDTC143ZKA
DDTC114YKA
DDTC114WKA
DDTC124XKA
DDTC144VKA
DDTC144WKA
Vl(off)
0.3
0.3
0.5
0.3
0.3
0.5
0.3
0.8
0.4
1.0
0.8
¾¾
V
VCC = 5V, IO = 100
mA
DDTC113ZKA
DDTC123YKA
DDTC123JKA
DDTC143XKA
DDTC143FKA
DDTC143ZKA
DDTC114YKA
DDTC114WKA
DDTC124XKA
DDTC144VKA
DDTC144WKA
Vl(on)
¾¾
3.0
3.0
1.1
2.5
1.3
1.3
1.4
3.0
2.5
5.0
4.0
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 5mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 3mA
VO = 0.3V, IO = 5mA
VO = 0.3V, IO = 1mA
VO = 0.3V, IO = 2mA
VO = 0.3V, IO = 2mA
VO = 0.3V, IO = 2mA
VO = 0.3V, IO = 2mA
Output Voltage
VO(on)
¾
0.1
0.3
V
IO/Il = 5mA/0.25mA
DDTC123JKA
IO/Il = 5mA/0.25mA
DDTC143ZKA
IO/Il = 5mA/0.25mA
DDTC114YKA
IO/Il = 10mA/0.5mA
All Others
Electrical Characteristics @ TA = 25°C unless otherwise specified
Note:
4. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
Characteristic
Symbol
Value
Unit
Supply Voltage, (3) to (2)
VCC
50
V
Input Voltage, (1) to (2)
DDTC113ZKA
DDTC123YKA
DDTC123JKA
DDTC143XKA
DDTC143FKA
DDTC143ZKA
DDTC114YKA
DDTC114WKA
DDTC124XKA
DDTC144VKA
DDTC144WKA
VIN
-5 to +10
-5 to +12
-5 to +12
-7 to +20
-6 to +30
-5 to +30
-6 to +40
-10 to +30
-10 to +40
-15 to +40
-10 to +40
V
Output Current
DDTC113ZKA
DDTC123YKA
DDTC123JKA
DDTC143XKA
DDTC143FKA
DDTC143ZKA
DDTC114YKA
DDTC114WKA
DDTC124XKA
DDTC144VKA
DDTC144WKA
IO
100
100
100
100
100
100
70
100
50
30
30
mA
Output Current
All
IC (Max)
100
mA
Power Dissipation
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 4)
RqJA
625
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Maximum Ratings @ TA = 25°C unless otherwise specified


Similar Part No. - DDTC114YKA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC114YKA DIODES-DDTC114YKA Datasheet
71Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30338 Rev. 2 - 2
DDTC114YKA DIODES-DDTC114YKA Datasheet
146Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30338 Rev. 8 - 2
DDTC114YKA-7 DIODES-DDTC114YKA-7 Datasheet
71Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30338 Rev. 2 - 2
More results

Similar Description - DDTC114YKA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC114GKA DIODES-DDTC114GKA Datasheet
68Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30340 Rev. 2 - 2
DDTC123EKA DIODES-DDTC123EKA_1 Datasheet
87Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30337 Rev. 7 - 2
DDTC113TKA DIODES-DDTC113TKA Datasheet
69Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30339 Rev. 2 - 2
DDTC113ZKA DIODES-DDTC113ZKA Datasheet
71Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30338 Rev. 2 - 2
DDTC113TKA DIODES-DDTC113TKA_1 Datasheet
97Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30339 Rev. 5 - 2
DDTC123EKA DIODES-DDTC123EKA Datasheet
70Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30337 Rev. 3 - 2
DDTC114GKA DIODES-DDTC114GKA_1 Datasheet
93Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30340 Rev. 5 - 2
DDTA123EKA DIODES-DDTA123EKA_1 Datasheet
87Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30341 Rev. 7 - 2
DDTA123EKA DIODES-DDTA123EKA Datasheet
70Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30341 Rev. 3 - 2
DDTA113ZKA DIODES-DDTA113ZKA_1 Datasheet
90Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30342 Rev. 6 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com