Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM567168 Datasheet(PDF) 6 Page - Etron Technology, Inc.

Part # EM567168
Description  2M x 16 Pseudo SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM567168 Datasheet(HTML) 6 Page - Etron Technology, Inc.

Back Button EM567168 Datasheet HTML 2Page - Etron Technology, Inc. EM567168 Datasheet HTML 3Page - Etron Technology, Inc. EM567168 Datasheet HTML 4Page - Etron Technology, Inc. EM567168 Datasheet HTML 5Page - Etron Technology, Inc. EM567168 Datasheet HTML 6Page - Etron Technology, Inc. EM567168 Datasheet HTML 7Page - Etron Technology, Inc. EM567168 Datasheet HTML 8Page - Etron Technology, Inc. EM567168 Datasheet HTML 9Page - Etron Technology, Inc. EM567168 Datasheet HTML 10Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
EtronTech
EM567168
6
Rev 1.1
Apr. 2004
AC Test Loads
Note:
1. Including scope and jig capacitance
State Diagram
Standby Mode Characteristics
Power Mode
Memory Cell Data
Standby Current (µA)
Wait Time (µs)
Standby
Valid
100
0
Deep Power Down
Invalid
10
200
CL
1
= 50 pF
VL = 1.5 V
RL = 50
Z0 = 50
DOUT
CE2=VIH
CE2=VIL
CE1# = VIH or VIL,
CE2=VIH
CE2=VIL
CE2=VIH, CE1# =VIH
or UB#, LB# =VIH
CE1# =VIL, CE2=VIH,
UB# & LB# or/and LB# = VIL
Power
on
Initial State
(Wait 200
µs)
Active
Deep Power
Down Mode
Standby
Mode
Power Up Sequence
Deep Power Down Exit
Sequence


Similar Part No. - EM567168

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM567169BC ETRON-EM567169BC Datasheet
129Kb / 14P
   2M x 16 Pseudo SRAM
EM567169BC-60 ETRON-EM567169BC-60 Datasheet
129Kb / 14P
   2M x 16 Pseudo SRAM
EM567169BC-65 ETRON-EM567169BC-65 Datasheet
129Kb / 14P
   2M x 16 Pseudo SRAM
EM567169BC-70 ETRON-EM567169BC-70 Datasheet
129Kb / 14P
   2M x 16 Pseudo SRAM
EM567169BC-85 ETRON-EM567169BC-85 Datasheet
129Kb / 14P
   2M x 16 Pseudo SRAM
More results

Similar Description - EM567168

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM567169BC ETRON-EM567169BC Datasheet
129Kb / 14P
   2M x 16 Pseudo SRAM
EM566168 ETRON-EM566168 Datasheet
146Kb / 12P
   1M x 16 Pseudo SRAM
EM565168 ETRON-EM565168 Datasheet
122Kb / 12P
   512K x 16 Pseudo SRAM
EM566169BC ETRON-EM566169BC Datasheet
130Kb / 15P
   1M x 16 Pseudo SRAM
logo
Hynix Semiconductor
HY64UD16322A HYNIX-HY64UD16322A Datasheet
269Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322M HYNIX-HY64UD16322M Datasheet
352Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
logo
Integrated Silicon Solu...
IS32WV204816B ISSI-IS32WV204816B Datasheet
102Kb / 18P
   2M x 16 (32-Mbit) PSEUDO STATIC RAM
logo
Sanyo Semicon Device
LC331632M-70 SANYO-LC331632M-70 Datasheet
181Kb / 9P
   512K (32768 words X 16 bits) Pseudo-SRAM
logo
Winbond
W963A6BBN WINBOND-W963A6BBN Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963L6ABN WINBOND-W963L6ABN Datasheet
1Mb / 30P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com