Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTA144GCA-7-F Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DDTA144GCA-7-F
Description  PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA144GCA-7-F Datasheet(HTML) 3 Page - Diodes Incorporated

  DDTA144GCA-7-F Datasheet HTML 1Page - Diodes Incorporated DDTA144GCA-7-F Datasheet HTML 2Page - Diodes Incorporated DDTA144GCA-7-F Datasheet HTML 3Page - Diodes Incorporated DDTA144GCA-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS30336 Rev. 6 - 2
3 of 4
DDTA (R2-ONLY SERIES) CA
www.diodes.com
0.1
1
10
0
100
200
500
600
700
I , COLLECTOR CURRENT (mA)
Fig. 6 Input Voltage vs. Collector Current
C
V= 0.2
O
-25°C
25°C
75 C
°
300
400
0.001
0.01
1
100
1000
01
2
3
4
89
10
V , INPUT VOLTAGE (V)
Fig. 5 Collector Current Vs. Input Voltage
in
-25°C
5
67
25°C
10
0.1
75 C
°
V= 5V
O
0
2
4
6
10
0
20
30
V , REVERSE BIAS VOLTAGE (V)
Fig. 4 Output Capacitance
R
12
10
5
15
25
I= 0V
E
8
10
1000
100
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 3 DC CURRENT GAIN
V= 10
CE
75 C
°
-25 C
°
25 C
°
0.001
0.01
0.1
1
0
10
20
30
40
50
Fig. 2
I , COLLECTOR CURRENT (mA)
V
vs. I
C
CE(SAT)
C
I/I = 10
CB
-25 C
°
75 C
°
25 C
°
0
50
100
0
50
100
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1, Derating Curve
A
150
200
250
-50
TYPICAL CURVES - DDTA114GCA


Similar Part No. - DDTA144GCA-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA144GCA DIODES-DDTA144GCA Datasheet
66Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30336 Rev. 2 - 2
DDTA144GCA DIODES-DDTA144GCA Datasheet
188Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30336 Rev. 2 - 2
DDTA144GCA DIODES-DDTA144GCA Datasheet
127Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23
DS30336 Rev. 7 - 2
More results

Similar Description - DDTA144GCA-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTAXXXXCA DIODES-DDTAXXXXCA Datasheet
188Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30336 Rev. 2 - 2
DDTA113TCA DIODES-DDTA113TCA_1 Datasheet
445Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30335 Rev. 5 - 2
DDTA113ZCA DIODES-DDTA113ZCA_1 Datasheet
92Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30334 Rev. 6 - 2
DDTA114GCA DIODES-DDTA114GCA Datasheet
66Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30336 Rev. 2 - 2
DDTA123ECA DIODES-DDTA123ECA Datasheet
67Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30333 Rev. 2 - 2
DDTA123ECA DIODES-DDTA123ECA_1 Datasheet
88Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30333 Rev. 6 - 2
DDTA113ZCA DIODES-DDTA113ZCA Datasheet
76Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 DUAL SURFACE MOUNT TRANSISTOR
DS30334 Rev. 2 - 2
DDTA113TCA DIODES-DDTA113TCA Datasheet
66Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 DUAL SURFACE MOUNT TRANSISTOR
DS30335 Rev. 2 - 2
DDTA113ZCA DIODES-DDTA113ZCA_2 Datasheet
133Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23
DS30334 Rev. 7 - 2
DDTA123ECA DIODES-DDTA123ECA_2 Datasheet
127Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23
Rev. 7 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com