Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LFE18500X Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. LFE18500X
Description  NPN silicon planar epitaxial microwave power transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LFE18500X Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LFE18500X Datasheet HTML 2Page - NXP Semiconductors LFE18500X Datasheet HTML 3Page - NXP Semiconductors LFE18500X Datasheet HTML 4Page - NXP Semiconductors LFE18500X Datasheet HTML 5Page - NXP Semiconductors LFE18500X Datasheet HTML 6Page - NXP Semiconductors LFE18500X Datasheet HTML 7Page - NXP Semiconductors LFE18500X Datasheet HTML 8Page - NXP Semiconductors LFE18500X Datasheet HTML 9Page - NXP Semiconductors LFE18500X Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
December 1994
6
Philips Semiconductors
Product specification
NPN silicon planar epitaxial
microwave power transistor
LFE18500X
List of components (see Figs 3 and 4)
Notes
1. In thermal contact with TR1.
2. In thermal contact with DUT.
COMPONENT
DESCRIPTION
VALUE
ORDERING INFORMATION
TR1
transistor, BDT91 or equivalent
C1, C4
DC blocking chip capacitor
100 pF
ATC 100A101kp
C2, C3
trimmer capacitor
0.5 to 5.0 pF
Tekelec 727-1
C5, C6
feedthrough bypass capacitor
1500 pF
Erie 1250-003
C7
electrolytic capacitor
10
µF, 50 V
D1
diode BY239 or equivalent; note 1
D2
diode BY239 or equivalent; note 2
L1
4 turns 0.5 mm copper wire;
internal diameter = 2 mm
L2
3 turns 0.5 mm copper wire;
internal diameter = 2 mm
P1
linear potentiometer
4.7 k
R1
resistor
100
Ω, 0.25 W
R2
resistor
10 k
Ω, 0.25 W
R3
resistor
56
Ω, 0.25 W
F1
ferrite bead
Philips tube, 12NC = 4330 030 43081
4.2 x 2.2 x 3.2 mm (4B1)
Fig.4 Class AB bias circuit.
handbook, full pagewidth
MEA600
C5
C6
L2
DUT
L1
C7
R3
D1
D2
P1
F1
R2
R1
TR1
VCC
BIAS CIRCUIT
PREMATCHING TEST
CIRCUIT


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn