Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH-S3A140-002K Datasheet(PDF) 5 Page - EHAOAN.

Part # EH-S3A140-002K
Description  Excellent Transiting Heat from LED Chip Operating under 700mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-S3A140-002K Datasheet(HTML) 5 Page - EHAOAN.

  EH-S3A140-002K Datasheet HTML 1Page - EHAOAN. EH-S3A140-002K Datasheet HTML 2Page - EHAOAN. EH-S3A140-002K Datasheet HTML 3Page - EHAOAN. EH-S3A140-002K Datasheet HTML 4Page - EHAOAN. EH-S3A140-002K Datasheet HTML 5Page - EHAOAN. EH-S3A140-002K Datasheet HTML 6Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3.0
Forward Current IF(mA)
Forward Current VS.Forward Voltage
3.2
3.4
3.6
3.8
4.0
800
700
600
500
400
300
180
60
120
240
300
Forward Current(mA)
Forward Current VS.Luminous fiux
300 400 500
600 700
800
0
50
DATA SHEET
Lighting LED
EH-S3A140-002K
Ambient TemperatureVS.Forward Current
Temperature( C)
0
30
60
90
120
150
200
400
600
800
1000
Rθ =60℃/W
Rθ =50℃/W
Rθ =40℃/W
Rθ =30℃/W
J-A
J-A
J-A
J-A
0.0
0.2
0.4
0.6
0.8
1.0
380 400 420 440 460 480 500 520 540 560 580 600 620 640 660 680 700 720 740 760 780
Wave Length(nm)
Spectral Radiance (Peak635@nm)
0.8
1.0
0.6
0.4
0.6
0.2
0.2
0.4
0.8
1.0
Beam Patter
Relativeintensitv(LOP@ MAX=1)
5
EHAOAN Electronics Co., Ltd.
Typical Electrical / Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)


Similar Part No. - EH-S3A140-002K

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-S108IRC EHAOAN-EH-S108IRC Datasheet
1Mb / 7P
   Compliance Halogen Free(Br < 900ppm, Cl < 900ppm, BrCl < 1500ppm)
EH-S110DS5 EHAOAN-EH-S110DS5 Datasheet
1Mb / 11P
   Dimension( L/W/H) :3.2 x 1.0 x 1.5 mm
EH-S110IR-A3 EHAOAN-EH-S110IR-A3 Datasheet
954Kb / 7P
   Appearance size/Package (L/W/H): 3.2*1.5*1.0mm
EH-S110KFKT EHAOAN-EH-S110KFKT Datasheet
2Mb / 9P
   Appearance size/Package (L/W/H): 3.2 x 1.5 x 1.0mm
EH-S110KGKT EHAOAN-EH-S110KGKT Datasheet
1Mb / 9P
   Appearance size/Package (L/W/H): 3.2 x 1.5 x 1.0mm
More results

Similar Description - EH-S3A140-002K

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-W3A140-005K EHAOAN-EH-W3A140-005K Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3535W3FC120-OGVEZD34 EHAOAN-EH-3535W3FC120-OGVEZD34 Datasheet
1Mb / 7P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-B3A140-002G EHAOAN-EH-B3A140-002G Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-R3A140-005G EHAOAN-EH-R3A140-005G Datasheet
1Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-G3A140-010G EHAOAN-EH-G3A140-010G Datasheet
1Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3W3535RGB120-001J EHAOAN-EH-3W3535RGB120-001J Datasheet
2Mb / 7P
   Excellent transiting heat from LED chip operating under 350mA
EH-3535O3FC120-OGVCND34 EHAOAN-EH-3535O3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 350mA
EH-3535G3FC120-OGVCND34 EHAOAN-EH-3535G3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-3535B3FC120-OGVCND34 EHAOAN-EH-3535B3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-3535P3FC120-OGHCNA72 EHAOAN-EH-3535P3FC120-OGHCNA72 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 350mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com