Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH-3535W3FC120-OGVEZD34 Datasheet(PDF) 5 Page - EHAOAN.

Part # EH-3535W3FC120-OGVEZD34
Description  Excellent Transiting Heat from LED Chip Operating under 700mA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-3535W3FC120-OGVEZD34 Datasheet(HTML) 5 Page - EHAOAN.

  EH-3535W3FC120-OGVEZD34 Datasheet HTML 1Page - EHAOAN. EH-3535W3FC120-OGVEZD34 Datasheet HTML 2Page - EHAOAN. EH-3535W3FC120-OGVEZD34 Datasheet HTML 3Page - EHAOAN. EH-3535W3FC120-OGVEZD34 Datasheet HTML 4Page - EHAOAN. EH-3535W3FC120-OGVEZD34 Datasheet HTML 5Page - EHAOAN. EH-3535W3FC120-OGVEZD34 Datasheet HTML 6Page - EHAOAN. EH-3535W3FC120-OGVEZD34 Datasheet HTML 7Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Forward Current VS.Forward Voltage
Forward Voltage Vf(V)
100
200
300
400
500
2.8
3.0
3.2
3.4
3.6
3.8
Ambient TemperatureVS.Forward Current
Temperature(
C)
0
30
60
90
120
150
=60℃/W
=50℃/W
=40℃/W
=30℃/W
J-A
J-A
J-A
J-A
100
200
300
400
500
Forward Current VS.Luminous fiux
Forward Current(mA)
30
60
90
120
150
0
50
100
150
200
250
300
350
400
Typical Electrical / Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
-60°
0.8
-90°
1.0
0.6
0.4
-30°
60°
0.6
0.2
0.2
0.4
0.8
1.0
90°
30°
Beam Patter
Relativeintensitv(LOP@ MAX=1)
0.0
0.2
0.4
0.6
0.8
1.0
380
400
420
440
460
480
500
520
540
560
580
600
620
640
660
680
700
720
740
760
780
Wave Length(nm)
DATA SHEET
HIGH POWER
EH-3535W3FC120-OGVEZD34-A03A
5
EHAOAN Electronics Co., Ltd.
Dev.2013070408


Similar Part No. - EH-3535W3FC120-OGVEZD34

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535W3FC120-OGVCND34 EHAOAN-EH-3535W3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 1000 mA.
More results

Similar Description - EH-3535W3FC120-OGVEZD34

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-W3A140-005K EHAOAN-EH-W3A140-005K Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-B3A140-002G EHAOAN-EH-B3A140-002G Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-R3A140-005G EHAOAN-EH-R3A140-005G Datasheet
1Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-G3A140-010G EHAOAN-EH-G3A140-010G Datasheet
1Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-S3A140-002K EHAOAN-EH-S3A140-002K Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3W3535RGB120-001J EHAOAN-EH-3W3535RGB120-001J Datasheet
2Mb / 7P
   Excellent transiting heat from LED chip operating under 350mA
EH-3535O3FC120-OGVCND34 EHAOAN-EH-3535O3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 350mA
EH-3535G3FC120-OGVCND34 EHAOAN-EH-3535G3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-3535B3FC120-OGVCND34 EHAOAN-EH-3535B3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-3535P3FC120-OGHCNA72 EHAOAN-EH-3535P3FC120-OGHCNA72 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 350mA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com