Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTC123JCA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTC123JCA
Description  NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC123JCA Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTC123JCA Datasheet HTML 1Page - Diodes Incorporated DDTC123JCA Datasheet HTML 2Page - Diodes Incorporated DDTC123JCA Datasheet HTML 3Page - Diodes Incorporated DDTC123JCA Datasheet HTML 4Page - Diodes Incorporated DDTC123JCA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS30330 Rev. 7 - 2
2 of 5
DDTC (R1
¹R2 SERIES) CA
www.diodes.com
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DDTC113ZCA
DDTC123YCA
DDTC123JCA
DDTC143XCA
DDTC143FCA
DDTC143ZCA
DDTC114YCA
DDTC114WCA
DDTC124XCA
DDTC144VCA
DDTC144WCA
Vl(off)
0.3
0.3
0.5
0.3
0.3
0.5
0.3
0.8
0.4
1.0
0.8
¾¾
V
VCC = 5V, IO = 100
mA
DDTC113ZCA
DDTC123YCA
DDTC123JCA
DDTC143XCA
DDTC143FCA
DDTC143ZCA
DDTC114YCA
DDTC114WCA
DDTC124XCA
DDTC144VCA
DDTC144WCA
Vl(on)
¾¾
3.0
3.0
1.1
2.5
1.3
1.3
1.4
3.0
2.5
5.0
4.0
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 5mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 3mA
VO = 0.3V, IO = 5mA
VO = 0.3V, IO = 1mA
VO = 0.3V, IO = 2mA
VO = 0.3V, IO = 2mA
VO = 0.3V, IO = 2mA
VO = 0.3V, IO = 2mA
Output Voltage
VO(on)
¾
0.1
0.3
V
IO/Il = 5mA/0.25mA
DDCT123JCA
IO/Il = 5mA/0.25mA
DDCT143ZCA
IO/Il = 5mA/0.25mA
DDCT114YCA
IO/Il = 10mA/0.5mA
All Others
Input Current
DDTC113ZCA
DDTC123YCA
DDTC123JCA
DDTC143XCA
DDTC143FCA
DDTC143ZCA
DDTC114YCA
DDTC114WCA
DDTC124XCA
DDTC144VCA
DDTC144WCA
Il
¾¾
7.2
3.8
3.6
1.8
1.8
1.8
0.88
0.88
0.36
0.16
0.16
mA
VI = 5V
Output Current
IO(off)
¾¾
0.5
mA
VCC = 50V, VI = 0V
DC Current Gain
DDTC113ZCA
DDTC123YCA
DDTC123JCA
DDTC143XCA
DDTC143FCA
DDTC143ZCA
DDTC114YCA
DDTC114WCA
DDTC124XCA
DDTC144VCA
DDTC144WCA
Gl
33
33
80
30
68
80
68
24
68
33
56
¾¾
¾
VO = 5V, IO = 5mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 5mA
VO = 5V, IO = 10mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
Input Resistor Tolerance
DR1
-30
¾
+30
%
¾
Resistance Ratio Tolerance
DR2/R1
-20
¾
+20
%
¾
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = 10V, IE = 5mA,
f = 100MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
* Transistor - For Reference Only
Device
Packaging
Shipping
DDTC113ZCA-7-F
SOT-23
3000/Tape & Reel
DDTC123YCA-7-F
SOT-23
3000/Tape & Reel
DDTC123JCA-7-F
SOT-23
3000/Tape & Reel
DDTC143XCA-7-F
SOT-23
3000/Tape & Reel
DDTC143FCA-7-F
SOT-23
3000/Tape & Reel
DDTC143ZCA-7-F
SOT-23
3000/Tape & Reel
DDTC114YCA-7-F
SOT-23
3000/Tape & Reel
DDTC114WCA-7-F
SOT-23
3000/Tape & Reel
DDTC124XCA-7-F
SOT-23
3000/Tape & Reel
DDTC144VCA-7-F
SOT-23
3000/Tape & Reel
DDTC144WCA-7-F
SOT-23
3000/Tape & Reel
Ordering Information
Note:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
(Note 3)


Similar Part No. - DDTC123JCA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC123JCA DIODES-DDTC123JCA Datasheet
72Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30330 Rev. 2 - 2
DDTC123JCA-7 DIODES-DDTC123JCA-7 Datasheet
72Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30330 Rev. 2 - 2
More results

Similar Description - DDTC123JCA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC113TCA DIODES-DDTC113TCA Datasheet
67Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30331 Rev. 2 - 2
DDTC113ZCA DIODES-DDTC113ZCA Datasheet
72Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30330 Rev. 2 - 2
DDTC123ECA DIODES-DDTC123ECA_1 Datasheet
75Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30329 Rev. 8 - 2
DDTC123ECA DIODES-DDTC123ECA Datasheet
67Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30329 Rev. 3 - 2
DDTC113ZCA DIODES-DDTC113ZCA_2 Datasheet
132Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
Rev. 8 - 2
DDTC114GCA DIODES-DDTC114GCA Datasheet
67Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30332 Rev. 2 - 2
DDTCXXXXCA DIODES-DDTCXXXXCA Datasheet
84Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30329 Rev. 3 - 2
DDTC114GCA DIODES-DDTC114GCA_1 Datasheet
85Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30332 Rev. 5 - 2
DDTC113TCA DIODES-DDTC113TCA_1 Datasheet
446Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30331 Rev. 5 - 2
DDTC114GCA DIODES-DDTC114GCA_2 Datasheet
124Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-23
Rev. 6 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com