Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH-3535B3FC120-OGVCND34 Datasheet(PDF) 2 Page - EHAOAN.

Part # EH-3535B3FC120-OGVCND34
Description  Excellent Transiting Heat from LED Chip Operating under 1000mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-3535B3FC120-OGVCND34 Datasheet(HTML) 2 Page - EHAOAN.

  EH-3535B3FC120-OGVCND34 Datasheet HTML 1Page - EHAOAN. EH-3535B3FC120-OGVCND34 Datasheet HTML 2Page - EHAOAN. EH-3535B3FC120-OGVCND34 Datasheet HTML 3Page - EHAOAN. EH-3535B3FC120-OGVCND34 Datasheet HTML 4Page - EHAOAN. EH-3535B3FC120-OGVCND34 Datasheet HTML 5Page - EHAOAN. EH-3535B3FC120-OGVCND34 Datasheet HTML 6Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings at Ta=25℃
Notes:
1.Specifications are subject to change without notice.
2. Under the stipulated Characteristics parameters above, the life span of the LED is
more than 50,000hours.
3. The data on this specification is for reference only and the actual data is in accordance
with the acknowledgment.
4. Precautions for ESD:
STATIC SHIELD Electricity and surge damages the LED. It is recommended to use a
wrist band or anti-electrostatic glove when handling the LED. All devices, equipment
and machinery must be properly grounded.
Parameter
Symbol
Min
Typ
Max
Unit
LED Junction Temperature
Tj
150
Power Dissipation
PD
1260 3600
mW
Peak Forward Current (1/10 Duty
Cycle, 0.1ms Pulse Width)
IFP
1000
mA
Continuous Forward Current
IF
350
1000
mA
Reverse Voltage
VR
5
V
Electrostatic Discharge Threshold
(ESD)
ESD
2000
V
Operating Temperature Range
Topr
-40
70
Storage Temperature Range
Tspr
-40
100
DATA SHEET
HIGH POWER
EH-3535B3FC120-OGVCND34-03E
2
EHAOAN Electronics Co., Ltd.
Dev.2013070408


Similar Part No. - EH-3535B3FC120-OGVCND34

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535A850-B120 EHAOAN-EH-3535A850-B120 Datasheet
3Mb / 9P
   High radiation intensity
EH-3535A850-B60 EHAOAN-EH-3535A850-B60 Datasheet
3Mb / 9P
   High output power at 850nm
EH-3535A850-C120 EHAOAN-EH-3535A850-C120 Datasheet
3Mb / 9P
   Black EMC package
EH-3535A850-C60 EHAOAN-EH-3535A850-C60 Datasheet
3Mb / 9P
   Black EMC package
EH-3535A850-D120 EHAOAN-EH-3535A850-D120 Datasheet
3Mb / 9P
   High radiation intensity
More results

Similar Description - EH-3535B3FC120-OGVCND34

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535G3FC120-OGVCND34 EHAOAN-EH-3535G3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-W3A140-005K EHAOAN-EH-W3A140-005K Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3W3535RGB120-001J EHAOAN-EH-3W3535RGB120-001J Datasheet
2Mb / 7P
   Excellent transiting heat from LED chip operating under 350mA
EH-3535O3FC120-OGVCND34 EHAOAN-EH-3535O3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 350mA
EH-3535W3FC120-OGVEZD34 EHAOAN-EH-3535W3FC120-OGVEZD34 Datasheet
1Mb / 7P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-B3A140-002G EHAOAN-EH-B3A140-002G Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-R3A140-005G EHAOAN-EH-R3A140-005G Datasheet
1Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3535P3FC120-OGHCNA72 EHAOAN-EH-3535P3FC120-OGHCNA72 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 350mA
EH-3535Y3FC120-OGVCND34 EHAOAN-EH-3535Y3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 350mA
EH-G3A140-010G EHAOAN-EH-G3A140-010G Datasheet
1Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com