Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTC114ECA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTC114ECA
Description  NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC114ECA Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTC114ECA Datasheet HTML 1Page - Diodes Incorporated DDTC114ECA Datasheet HTML 2Page - Diodes Incorporated DDTC114ECA Datasheet HTML 3Page - Diodes Incorporated DDTC114ECA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30329 Rev. 8 - 2
2 of 4
DDTC (R1 = R2 SERIES) CA
www.diodes.com
Characteristic
Symbol
Min
Typ
Max Unit
Test Condition
Input Voltage
Vl(off)
0.5
1.1
¾
V
VCC = 5V, IO = 100
mA
Vl(on)
¾
1.9
3
VO = 0.3V, IO = 20mA, DDTC123ECA
VO = 0.3V, IO = 20mA, DDTC143ECA
VO = 0.3V, IO = 10mA, DDTC114ECA
VO = 0.3V, IO = 5mA, DDTC124ECA
VO = 0.3V, IO = 2mA, DDTC144ECA
VO = 0.3V, IO = 1mA, DDTC115ECA
Output Voltage
VO(on)
¾
0.1
0.3
V
IO/Il =10mA/0.5mA, DDTC123ECA
IO/Il =10mA/0.5mA, DDTC143ECA
IO/Il =10mA/0.5mA, DDTC114ECA
IO/Il =10mA/0.5mA, DDTC124ECA
IO/Il =10mA/0.5mA, DDTC144ECA
IO/Il =5mA/0.25mA, DDTC115ECA
Input Current
DDTC123ECA
DDTC143ECA
DDTC114ECA
DDTC124ECA
DDTC144ECA
DDTC115ECA
Il
¾¾
3.8
1.8
0.88
0.36
0.18
0.15
mA
VI = 5V
Output Current
IO(off)
¾¾
0.5
mA
VCC = 50V, VI = 0V
DC Current Gain
DDTC123ECA
DDTC143ECA
DDTC114ECA
DDTC124ECA
DDTC144ECA
DDTC115ECA
Gl
20
20
30
56
68
82
¾¾
¾
VO = 5V, IO = 20mA
VO = 5V, IO = 10mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
Input Resistor (R1) Tolerance
DR1
-30
¾
+30
%
¾
Resistance Ratio
R2/R1
0.8
1
1.2
¾
¾
Gain-Bandwidth Product*
fT
¾
250
¾ MHz
VCE = 10V, IE = 5mA,
f = 100MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
* Transistor - For Reference Only
NXX = Product Type Marking Code, See Table on Page 1
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month ex: 9 = September
NXX
Marking Information
Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Ordering Information
Device
Packaging
Shipping
DDTC123ECA-7-F
SOT-23
3000/Tape & Reel
DDTC143ECA-7-F
SOT-23
3000/Tape & Reel
DDTC114ECA-7-F
SOT-23
3000/Tape & Reel
DDTC124ECA-7-F
SOT-23
3000/Tape & Reel
DDTC144ECA-7-F
SOT-23
3000/Tape & Reel
DDTC115ECA-7-F
SOT-23
3000/Tape & Reel
(Note 3)
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Date Code Key
Year
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
NP
R
S
T
U
V
WX
Y
Z


Similar Part No. - DDTC114ECA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC114ECA DIODES-DDTC114ECA Datasheet
67Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30329 Rev. 3 - 2
DDTC114ECA DIODES-DDTC114ECA Datasheet
84Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30329 Rev. 3 - 2
DDTC114ECA DIODES-DDTC114ECA Datasheet
120Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23
Rev. 9 - 2
DDTC114ECA-7 DIODES-DDTC114ECA-7 Datasheet
67Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30329 Rev. 3 - 2
More results

Similar Description - DDTC114ECA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC113TCA DIODES-DDTC113TCA Datasheet
67Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30331 Rev. 2 - 2
DDTC113ZCA DIODES-DDTC113ZCA Datasheet
72Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30330 Rev. 2 - 2
DDTC123ECA DIODES-DDTC123ECA Datasheet
67Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30329 Rev. 3 - 2
DDTC113ZCA DIODES-DDTC113ZCA_2 Datasheet
132Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
Rev. 8 - 2
DDTC114GCA DIODES-DDTC114GCA Datasheet
67Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30332 Rev. 2 - 2
DDTCXXXXCA DIODES-DDTCXXXXCA Datasheet
84Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30329 Rev. 3 - 2
DDTC114GCA DIODES-DDTC114GCA_1 Datasheet
85Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30332 Rev. 5 - 2
DDTC113ZCA DIODES-DDTC113ZCA_1 Datasheet
91Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30330 Rev. 7 - 2
DDTC113TCA DIODES-DDTC113TCA_1 Datasheet
446Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30331 Rev. 5 - 2
DDTC114GCA DIODES-DDTC114GCA_2 Datasheet
124Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-23
Rev. 6 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com