Electronic Components Datasheet Search |
|
SN74HCT541PWG4 Datasheet(PDF) 3 Page - Texas Instruments |
|
|
SN74HCT541PWG4 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 15 page SN54HCT541, SN74HCT541 OCTAL BUFFERS AND LINE DRIVERS WITH 3STATE OUTPUTS SCLS306C − JANUARY 1996 − REVISED AUGUST 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 3) SN54HCT541 SN74HCT541 UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.5 5 5.5 V VIH High-level input voltage VCC = 4.5 V to 5.5 V 2 2 V VIL Low-level input voltage VCC = 4.5 V to 5.5 V 0.8 0.8 V VI Input voltage 0 VCC 0 VCC V VO Output voltage 0 VCC 0 VCC V ∆t/∆v Input transition rise/fall time 500 500 ns TA Operating free-air temperature −55 125 −40 85 °C NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C SN54HCT541 SN74HCT541 UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX MIN MAX UNIT VOH VI = VIH or VIL IOH = −20 µA 4.5 V 4.4 4.499 4.4 4.4 V VOH VI = VIH or VIL IOH = −6 mA 4.5 V 3.98 4.3 3.7 3.84 V VOL VI = VIH or VIL IOL = 20 µA 4.5 V 0.001 0.1 0.1 0.1 V VOL VI = VIH or VIL IOL = 6 mA 4.5 V 0.17 0.26 0.4 0.33 V II VI = VCC or 0 5.5 V ±0.1 ±100 ±1000 ±1000 nA IOZ VO = VCC or 0, VI = VIH or VIL 5.5 V ±0.01 ±0.5 ±10 ±5 µA ICC VI = VCC or 0, IO = 0 5.5 V 8 160 80 µA ∆ICC† One input at 0.5 V or 2.4 V, Other inputs at 0 or VCC 5.5 V 1.4 2.4 3 2.9 mA Ci 4.5 V to 5.5 V 3 10 10 10 pF † This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or VCC. switching characteristics over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM TO VCC TA = 25°C SN54HCT541 SN74HCT541 UNIT PARAMETER FROM (INPUT) TO (OUTPUT) VCC MIN TYP MAX MIN MAX MIN MAX UNIT tpd A Y 4.5 V 13 23 34 29 ns tpd A Y 5.5 V 12 21 31 26 ns ten OE Y 4.5 V 21 30 45 38 ns ten OE Y 5.5 V 19 27 41 34 ns tdis OE Y 4.5 V 19 30 45 38 ns tdis OE Y 5.5 V 18 27 41 34 ns tt Y 4.5 V 8 12 18 15 ns tt Y 5.5 V 7 11 16 14 ns |
Similar Part No. - SN74HCT541PWG4 |
|
Similar Description - SN74HCT541PWG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |