Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DDTA113ZUA Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. DDTA113ZUA
Description  PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

DDTA113ZUA Datasheet(HTML) 1 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Lead-free Green
DS30326 Rev. 6 - 2
1 of 5
DDTA (R1
¹R2 SERIES) UA
www.diodes.com
ã Diodes Incorporated
DDTA (R1¹R2 SERIES) UA
PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE
MOUNT TRANSISTOR
Features
Mechanical Data
·
Case: SOT-323
·
Case Material: Molded Plastic, "Green" Molding
Compound, Note 3. UL Flammability Classification
Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: See Diagram
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
·
Marking: Date Code and Type Code, See Page 3
·
Type Code: See Table Below
·
Ordering Information (See Page 3)
·
Weight: 0.006 grams (approximate)
P/N
R1
(NOM)
R2
(NOM)
Type Code
DDTA113ZUA
DDTA123YUA
DDTA123JUA
DDTA143XUA
DDTA143FUA
DDTA143ZUA
DDTA114YUA
DDTA114WUA
DDTA124XUA
DDTA144VUA
DDTA144WUA
1K
W
2.2K
W
2.2K
W
4.7K
W
4.7K
W
4.7K
W
10K
W
10K
W
22K
W
47K
W
47K
W
10K
W
10K
W
47K
W
10K
W
22K
W
47K
W
47K
W
4.7K
W
47K
W
10K
W
22K
W
P02
P05
P06
P09
P10
P11
P14
P15
P18
P21
P22
SOT-323
Dim
Min
Max
A
0.25
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
0.0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.18
a
0
°
8
°
All Dimensions in mm
A
M
J
L
E
D
B C
H
K
G
·
Epitaxial Planar Die Construction
·
Complementary NPN Types Available (DDTC)
·
Built-In Biasing Resistors, R1
¹R2
·
Lead Free/RoHS Compliant (Note 1)
·
"Green" Device (Note 2 & 3)
Characteristic
Symbol
Value
Unit
Supply Voltage, (3) to (2)
VCC
-50
V
Input Voltage, (1) to (2)
DDTA113ZUA
DDTA123YUA
DDTA123JUA
DDTA143XUA
DDTA143FUA
DDTA143ZUA
DDTA114YUA
DDTA114WUA
DDTA124XUA
DDTA144VUA
DDTA144WUA
VIN
+5 to -10
+5 to -12
+5 to -12
+7 to -20
+6 to -30
+5 to -30
+6 to -40
+10 to -30
+10 to -40
+15 to -40
+10 to -40
V
Output Current
DDTA113ZUA
DDTA123YUA
DDTA123JUA
DDTA143XUA
DDTA143FUA
DDTA143ZUA
DDTA114YUA
DDTA114WUA
DDTA124XUA
DDTA144VUA
DDTA144WUA
IO
-100
-100
-100
-100
-100
-100
-70
-100
-50
-30
-30
mA
Note:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior
to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Maximum Ratings @ TA = 25°C unless otherwise specified
R1
OUT
B
C
E
R2
3
2
1
IN
GND(+)
Schematic and Pin Configuration
1
3
GND (+)
C
B
IN
OUT
E
Equivalent Inverter Circuit
SPICE MODELS: DDTA113ZUA DDTA123YUA DDTA123JUA DDTA143XUA DDTA143FUA DDTA143ZUA DDTA114YUA DDTA114WUA DDTA124XUA DDTA144VUA DDTA144WUA


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn