Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTC124EUA-7-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTC124EUA-7-F
Description  NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC124EUA-7-F Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTC124EUA-7-F Datasheet HTML 1Page - Diodes Incorporated DDTC124EUA-7-F Datasheet HTML 2Page - Diodes Incorporated DDTC124EUA-7-F Datasheet HTML 3Page - Diodes Incorporated DDTC124EUA-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS30321 Rev. 8 - 2
1 of 4
DDTC (R1 = R2 SERIES) UA
www.diodes.com
ã Diodes Incorporated
DDTC (R1 = R2 SERIES) UA
NPN PRE-BIASED SMALL SIGNAL SOT-323
SURFACE MOUNT TRANSISTOR
·
Epitaxial Planar Die Construction
·
Complementary PNP Types Available (DDTA)
·
Built-In Biasing Resistors, R1 = R2
·
Lead Free/RoHS Compliant (Note 2)
·
"Green" Device (Note 3 and 4)
Characteristic
Symbol
Value
Unit
Supply Voltage, (3) to (2)
VCC
50
V
Input Voltage, (1) to (2)
DDTC123EUA
DDTC143EUA
DDTC114EUA
DDTC124EUA
DDTC144EUA
DDTC115EUA
VIN
-10 to +12
-10 to +30
-10 to +40
-10 to +40
-10 to +40
-10 to +40
V
Output Current
DDTC123EUA
DDTC143EUA
DDTC114EUA
DDTC124EUA
DDTC144EUA
DDTC115EUA
IO
100
100
50
30
100
20
mA
Output Current
All
IC (Max)
100
mA
Power Dissipation
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
A
M
J
L
E
D
B C
H
K
G
Mechanical Data
·
Case: SOT-323
·
Case Material: Molded Plastic, "Green" Molding
Compound, Note 4. UL Flammability Classification
Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: See Diagram
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy
42 leadframe).
·
Marking: Date Code and Type Code, See Page 2
·
Ordering Information (See Page 2)
·
Type Code: See Table Below
·
Weight: 0.006 grams (approximate)
P/N
R1, R2 (NOM) Type Code
DDTC123EUA
DDTC143EUA
DDTC114EUA
DDTC124EUA
DDTC144EUA
DDTC115EUA
2.2K
W
4.7K
W
10K
W
22K
W
47K
W
100K
W
N04
N08
N13
N17
N20
N24
SOT-323
Dim
Min
Max
A
0.25
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
0.0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.18
a
0
°
8
°
All Dimensions in mm
Note:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
3. Diodes Inc.'s "Green" Policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
4. Product manufactured with date code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to date
code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Lead-free Green
Schematic and Pin Configuration
R1
OUT
B
C
E
R2
3
2
1
IN
GND(0)
Equivalent Inverter Circuit
1
3
GND (0)
C
B
IN
OUT
E
SPICE MODELS: DDTC123EUA DDTC143EUA DDTC114EUA DDTC124EUA DDTC144EUA DDTC115EUA


Similar Part No. - DDTC124EUA-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC124EUA-7 DIODES-DDTC124EUA-7 Datasheet
195Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30321 Rev. 4 - 2
More results

Similar Description - DDTC124EUA-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC113TUA DIODES-DDTC113TUA_1 Datasheet
452Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30323 Rev. 6 - 2
DDTC114GUA DIODES-DDTC114GUA_1 Datasheet
88Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30324 Rev. 6 - 2
DDTC114GUA DIODES-DDTC114GUA Datasheet
189Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30324 Rev. 2 - 1
DDTC123EUA DIODES-DDTC123EUA Datasheet
195Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30321 Rev. 4 - 2
DDTC113ZUA DIODES-DDTC113ZUA_1 Datasheet
94Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30322 Rev. 8 - 2
DDTC113TUA DIODES-DDTC113TUA Datasheet
186Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 DUAL SURFACE MOUNT TRANSISTOR
DS30323 Rev. 2 - 1
DDTC113ZUA DIODES-DDTC113ZUA Datasheet
193Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 DUAL SURFACE MOUNT TRANSISTOR
DS30322 Rev. 3 - 2
DDTA123EUA DIODES-DDTA123EUA_1 Datasheet
82Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30325 Rev. 7 - 2
DDTA113ZUA DIODES-DDTA113ZUA Datasheet
197Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 2 - 2
DDTA123EUA DIODES-DDTA123EUA Datasheet
179Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30325 Rev. 2 - 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com