Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBE2003S Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LBE2003S
Description  NPN microwave power transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LBE2003S Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LBE2003S Datasheet HTML 6Page - NXP Semiconductors LBE2003S Datasheet HTML 7Page - NXP Semiconductors LBE2003S Datasheet HTML 8Page - NXP Semiconductors LBE2003S Datasheet HTML 9Page - NXP Semiconductors LBE2003S Datasheet HTML 10Page - NXP Semiconductors LBE2003S Datasheet HTML 11Page - NXP Semiconductors LBE2003S Datasheet HTML 12Page - NXP Semiconductors LBE2003S Datasheet HTML 13Page - NXP Semiconductors LBE2003S Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1997 Mar 03
10
Philips Semiconductors
Product specification
NPN microwave power transistors
LBE2003S; LBE2009S;
LCE2009S
Microwave performance for LBE2009S; LCE2009S up to Tmb =75 °C in a common emitter class-A test circuit; note 1.
Notes
1. Circuit consists of prematching circuit boards in combination with complementary input and output slug tuners.
2. IC and VCE regulated.
3. Load power for 1 dB compressed power gain.
4. Low level power gain associated with PL1.
MODE OF OPERATION
f
(GHz)
VCE
(V) (2)
IC
(mA) (2)
PL1
(mW) (3)
Gpo
(dB) (4)
Zi
(
Ω)
ZL
(
Ω)
Class-A (CW)
2
18
110
≥700 (28.5)
typ. 900 (29.5)
≥9
typ. 9.8
7.5 + j14.5
17.5 + j38.5
Fig.10 Prematching test circuit board for 2 GHz.
Dimensions in mm.
Striplines on a double copper-clad printed-circuit board with PTFE fibreglass dielectric (
εr = 2.54); thickness: 0.8 mm.
handbook, full pagewidth
12.4
26.4
1.2
13
25
MGD999
2
6.8
5.2
0.8
2
2
2
input
VSWR
< 3.5
Zo = 50 Ω
output
VSWR
< 3
Zo = 50 Ω
LCE2009S IS A MAINTENANCE TYPE - NOT RECOMMENDED FOR NEW DESIGNS; SEE INDEX SECTION OF SC15


Similar Part No. - LBE2003S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBE63C OSRAM-LBE63C Datasheet
69Kb / 16P
   Power TOPLED with Lens Enhanced Optical Power LED (ATON)
LBE63C-S2U1-35 OSRAM-LBE63C-S2U1-35 Datasheet
69Kb / 16P
   Power TOPLED with Lens Enhanced Optical Power LED (ATON)
LBE63C-T2AA-35-24 OSRAM-LBE63C-T2AA-35-24 Datasheet
1Mb / 22P
   Backlighting
LBE63C-T2V1-35 OSRAM-LBE63C-T2V1-35 Datasheet
578Kb / 18P
   Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
LBE63C-T2V2-35 OSRAM-LBE63C-T2V2-35 Datasheet
578Kb / 18P
   Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
More results

Similar Description - LBE2003S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTB32001X PHILIPS-PTB32001X Datasheet
66Kb / 12P
   NPN microwave power transistors
1997 Feb 18
MX0912B100Y PHILIPS-MX0912B100Y Datasheet
98Kb / 12P
   NPN microwave power transistors
1997 Feb 20
PTB23001X PHILIPS-PTB23001X Datasheet
99Kb / 12P
   NPN microwave power transistors
1997 Feb 19
PZ1418B30U PHILIPS-PZ1418B30U Datasheet
131Kb / 16P
   NPN microwave power transistors
1997 Feb 19
RX1214B80W PHILIPS-RX1214B80W Datasheet
87Kb / 12P
   NPN microwave power transistors
1997 Feb 14
logo
Tyco Electronics
MRF1004MB MACOM-MRF1004MB Datasheet
101Kb / 5P
   MICROWAVE POWER TRANSISTORS NPN SILICON
logo
M/A-COM Technology Solu...
MAPRST0912-50 MA-COM-MAPRST0912-50_13 Datasheet
165Kb / 4P
   NPN Silicon Microwave Power Transistors
logo
Tyco Electronics
MRF1000MB MACOM-MRF1000MB Datasheet
104Kb / 4P
   MICROWAVE POWER TRANSISTORS NPN SILICON
logo
Motorola, Inc
MRF1150MA MOTOROLA-MRF1150MA Datasheet
128Kb / 5P
   MICROWAVE POWER TRANSISTORS
MRW3001 MOTOROLA-MRW3001 Datasheet
153Kb / 6P
   MICROWAVE POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com