Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPT05 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DLPT05
Description  SURFACE MOUNT DATALINE PROTECTION DEVICE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLPT05 Datasheet(HTML) 1 Page - Diodes Incorporated

  DLPT05_1 Datasheet HTML 1Page - Diodes Incorporated DLPT05_1 Datasheet HTML 2Page - Diodes Incorporated DLPT05_1 Datasheet HTML 3Page - Diodes Incorporated DLPT05_1 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead-free
TVS
V
CC
GROUND
LINE TO
BE PROTECTED
DS30310 Rev. 6 - 2
1 of 4
DLPT05
www.diodes.com
ã Diodes Incorporated
·
Case: SOT-23
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
·
Terminal Connections: See Diagram
·
Part Marking (See Page 3): A01
·
Ordering & Date Code Information: Page 3
·
Weight: 0.008 grams (approximate)
Characteristic
Symbol
Value
Unit
Peak Pulse Power (tp = 8x20
ms)
PPK
300
W
Peak Forward Voltage (IPP = 1A, tp = 8x20
ms)
VFP
2.1
V
Diode Peak Repetitive Reverse Voltage
VRRM
75
V
Thermal Resistance, Junction to Ambient
RqJA
417
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
Mechanical Data
Maximum Ratings, Total Device
@ TA = 25
°C unless otherwise specified
A
E
J
L
TOP VIEW
M
B
C
H
G
D
K
C
B
E
DLPT05
SURFACE MOUNT DATALINE PROTECTION
DEVICE
·
300 Watts Peak Pulse Power (tp = 8x20
ms)
·
Transient Protection for data line to IEC61000-4-2 level 4
(ESD), 8kV HBM, and IEC 61000-4-4 (EFT)
·
Low Leakage Current
·
Surface Mount Package Ideally Suited for Automatic
Insertion
·
Lead Free/RoHS Compliant (Note 4)
Features
Electrical Characteristics, TVS Element @ TA = 25°C unless otherwise specified
Reverse
Standoff
Voltage
Breakdown Voltage
VBR @ IT
Test
Current
Max. Reverse
Leakage @ VRWM
Max. Clamping
Voltage @ Ipp = 1A
(Note 3)
Max. Peak Pulse
Current (Note 2)
Typical Total
Capacitance
(Note 1)
VRWM (V)
Min (V)
Max (V)
IT (mA)
IR (
mA)
VC (V)
(A)
(pF)
56
¾
1.0
20
9.8
17
1.9
Notes:
1. VR = 0V, f = 1MHZ from line to be protected to ground pin.
2.
tp = 8x20
ms.
3. Clamping voltage values are based on an 8x20
ms peak pulse current (Ipp) waveform.
4.
No purposefully added lead.
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0
°
8
°
All Dimensions in mm


Similar Part No. - DLPT05_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLPT05-7 DIODES-DLPT05-7 Datasheet
75Kb / 3P
   SURFACE MOUNT DATALINE PROTECTION DEVICE
DS30310 Rev. 2 - 2
DLPT05-7-F DIODES-DLPT05-7-F Datasheet
132Kb / 4P
   SURFACE MOUNT DATALINE PROTECTION DEVICE
Rev. 9 - 2 July 2008
DLPT05A DIODES-DLPT05A Datasheet
420Kb / 6P
   SURFACE MOUNT DATALINE PROTECTION DEVICE
Rev. 2 - 2 November 2022
DLPT05A-7 DIODES-DLPT05A-7 Datasheet
420Kb / 6P
   SURFACE MOUNT DATALINE PROTECTION DEVICE
Rev. 2 - 2 November 2022
DLPT05W DIODES-DLPT05W Datasheet
110Kb / 5P
   SURFACE MOUNT DATALINE PROTECTION DEVICE
More results

Similar Description - DLPT05_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLPT05A DIODES-DLPT05A Datasheet
420Kb / 6P
   SURFACE MOUNT DATALINE PROTECTION DEVICE
Rev. 2 - 2 November 2022
DLPT05W DIODES-DLPT05W Datasheet
110Kb / 5P
   SURFACE MOUNT DATALINE PROTECTION DEVICE
DLPT05 DIODES-DLPT05_08 Datasheet
132Kb / 4P
   SURFACE MOUNT DATALINE PROTECTION DEVICE
Rev. 9 - 2 July 2008
DLPT05WA DIODES-DLPT05WA Datasheet
459Kb / 6P
   SURFACE MOUNT DATALINE PROTECTION DEVICE
Rev. 1 - 2 September 2022
DLPT05 DIODES-DLPT05 Datasheet
75Kb / 3P
   SURFACE MOUNT DATALINE PROTECTION DEVICE
DS30310 Rev. 2 - 2
logo
STMicroelectronics
ITA6V1U1 STMICROELECTRONICS-ITA6V1U1 Datasheet
177Kb / 5P
   TRANSILTM ARRAY FOR DATALINE PROTECTION
ITAXXU1 STMICROELECTRONICS-ITAXXU1 Datasheet
57Kb / 6P
   TRANSIL ARRAY FOR DATALINE PROTECTION
ITAXXB1 STMICROELECTRONICS-ITAXXB1 Datasheet
69Kb / 6P
   BIDIRECTIONAL TRANSIL ARRAY FOR DATALINE PROTECTION
ITA6V5B1 STMICROELECTRONICS-ITA6V5B1 Datasheet
149Kb / 5P
   BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
ITA6V5B3 STMICROELECTRONICS-ITA6V5B3 Datasheet
72Kb / 6P
   BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com