Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLVU2.8-4 Datasheet(PDF) 4 Page - Protek Devices

Part # SLVU2.8-4
Description  ULTRA LOW CAPACITANCE TVS ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SLVU2.8-4 Datasheet(HTML) 4 Page - Protek Devices

  SLVU2.8-4 Datasheet HTML 1Page - Protek Devices SLVU2.8-4 Datasheet HTML 2Page - Protek Devices SLVU2.8-4 Datasheet HTML 3Page - Protek Devices SLVU2.8-4 Datasheet HTML 4Page - Protek Devices SLVU2.8-4 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.protekdevices.com
05142.R10 4/05
SLVU2.8-4
APPLICATION NOTE
Electronic equipment is susceptible to damage caused by Electrostatic Discharge (ESD), Electrical Fast Transients (EFT), and tertiary lightning
effects. Knowing that equipment can be damaged, the SLVU2.8-4 was designed to provide the level of protection required to safe guard sensitive
equipment. This product can be used in different configurations to provide a level of protection to meet unidirectional line requirements as well as
bidirectional requirements either in a common-mode or differential-mode configuration.
UNIDIRECTIONAL COMMON-MODE CONFIGURATION (Figure 1)
The SLVU2.8-4 provides up to four lines of protection in a common-mode configuration as
depicted in figure 1.
Circuit connectivity is as follows:
Line 1 is connected to Pin 1
Line 2 is connected to Pin 7
Line 3 is connected to Pin 3
Line 4 is connected to Pin 5
Pins 2, 4, 7 and 8 are connected to ground
BIDIRECTIONAL COMMON-MODE CONFIGURATION (Figure 2)
The SLVU2.8-4 provides up to two lines of protection in a common-mode configuration as
depicted in figure 1.
Circuit connectivity is as follows:
Line 1 is connected to Pins 1 & 8
Line 2 is connected to Pins 4 & 5
Pins 2, 3, 6, and 7 are connected to ground
BIDIRECTIONAL DIFFERENTIAL-MODE CONFIGURATION (Figure 3)
The SLVU2.8-4 provides up to two-line pairs of protection in a differenital-mode configuration as
depicted in figure 1.
Circuit connectivity is as follows:
Line Pair 1 is connected to Pins 1 & 2
Line Pair 1 is connected to Pins 7 & 8
Line Pair 2 is connected to Pins 3 & 4
Line Pair 2 is connected to Pins 5 & 6
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Circuit board layout is critical for Electromagnetic
Compatibility (EMC) protection. The following
guidelines are recommended:
The protection device should be placed near the
input terminals or connectors, the device will
divert the transient current immediately before it
can be coupled into the nearby traces.
The path length between the TVS device and
the protected line should be minimized.
All conductive loops including power and ground
loops should be minimized.
The transient current return path to ground
should be kept as short as possible to reduce
parasitic inductance.
Ground planes should be used whenever
possible. For multilayer PCBs, use ground vias.
Figure 2. Bidirectional Common-Mode Protection
Figure 1. Unidirectional Common-Mode Protection
External diode to ground is a low capacitance
diode of less than 10pF
Figure 3. Bidirectional Differential-Mode Protection


Similar Part No. - SLVU2.8-4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SLVU2.8-4 PROTEC-SLVU2.8-4 Datasheet
184Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
Shanghai Leiditech Elec...
SLVU2.8-4 LEIDITECH-SLVU2.8-4 Datasheet
858Kb / 4P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
logo
Semtech Corporation
SLVU2.8-4 SEMTECH-SLVU2.8-4 Datasheet
201Kb / 9P
   EPD TVS Diode Array For ESD and Latch-Up Protection
logo
Applied Power Microelec...
SLVU2.8-4 APMICRO-SLVU2.8-4 Datasheet
764Kb / 5P
   2.8V TVS Array For ESD and Latch-Up Protection
logo
Protek Devices
SLVU2.8-4 PROTEC-SLVU2.8-4 Datasheet
696Kb / 8P
   600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - SLVU2.8-4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
   Ultra Low Capacitance TVS Array
logo
Protek Devices
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
   ultra LOW CAPACITANCE TVS ARRAY
PAM19DF2L0521P PROTEC-PAM19DF2L0521P Datasheet
473Kb / 6P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com