Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLVU2.8-4 Datasheet(PDF) 3 Page - Protek Devices

Part # SLVU2.8-4
Description  ULTRA LOW CAPACITANCE TVS ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SLVU2.8-4 Datasheet(HTML) 3 Page - Protek Devices

  SLVU2.8-4_05 Datasheet HTML 1Page - Protek Devices SLVU2.8-4_05 Datasheet HTML 2Page - Protek Devices SLVU2.8-4_05 Datasheet HTML 3Page - Protek Devices SLVU2.8-4_05 Datasheet HTML 4Page - Protek Devices SLVU2.8-4_05 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.protekdevices.com
05142.R10 4/05
SLVU2.8-4
GRAPHS
FIGURE 2
PULSE WAVE FORM
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
0.01
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
10
100
1,000
10,000
600W, 8/20µs Waveform
0
25
50
75
100
125
150
T
L - Lead Temperature - °C
20
40
60
80
100
Peak Pulse Power
8/20µs
Average Power
FIGURE 3
POWER DERATING CURVE
0
FIGURE 4
Typical Clamping Voltage vs Peak Pulse Current
0
5
10
15
20
25
30
I
PP - Peak Pulse Current A
20
16
12
8
4
0
PIN 2 TO 1
PIN 3 TO 1


Similar Part No. - SLVU2.8-4_05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SLVU2.8-4.T SEMTECH-SLVU2.8-4.T Datasheet
201Kb / 9P
   EPD TVS Diode Array For ESD and Latch-Up Protection
SLVU2.8-4.TB SEMTECH-SLVU2.8-4.TB Datasheet
201Kb / 9P
   EPD TVS Diode Array For ESD and Latch-Up Protection
SLVU2.8-4.TBT SEMTECH-SLVU2.8-4.TBT Datasheet
201Kb / 9P
   EPD TVS Diode Array For ESD and Latch-Up Protection
logo
Samtec, Inc
SLVU2.8-4.TBT SAMTEC-SLVU2.8-4.TBT Datasheet
204Kb / 9P
   EPD TVS Diode Array For ESD and Latch-Up Protection
logo
Texas Instruments
SLVU2.8-4.TBT TI-SLVU2.8-4.TBT Datasheet
853Kb / 42P
[Old version datasheet]   Tiva??C Series TM4C1294 Connected LaunchPad Evaluation Kit
More results

Similar Description - SLVU2.8-4_05

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
   Ultra Low Capacitance TVS Array
logo
Protek Devices
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
   ultra LOW CAPACITANCE TVS ARRAY
PAM19DF2L0521P PROTEC-PAM19DF2L0521P Datasheet
473Kb / 6P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com