Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDMP0340LCT-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SDMP0340LCT-7
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDMP0340LCT-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  SDMP0340LCT-7 Datasheet HTML 1Page - Diodes Incorporated SDMP0340LCT-7 Datasheet HTML 2Page - Diodes Incorporated SDMP0340LCT-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free
DS30266 Rev. 8 - 2
1 of 3
SDMP0340LT /LST /LCT /LAT
www.diodes.com
ã Diodes Incorporated
SDMP0340LT /LST /LCT /LAT
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Maximum Ratings @ TA = 25°C unless otherwise specified
·
Low Forward Voltage Drop
·
Guard Ring Die Construction for
Transient Protection
·
Ideal for low logic level applications
·
Low Capacitance
·
Lead Free/RoHS Compliant (Note 3)
Mechanical Data
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Forward Continuous Current (Note 1)
IFM
30
mA
Non-Repetitive Peak Forward Surge Current @8.3ms
Single half sine-wave superimposed on rated load
IFSM
200
mA
Power Dissipation (Note 1)
Pd
150
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
833
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-40 to +125
°C
Electrical Characteristics
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
40
¾¾
V
IR = 10uA
Forward Voltage Drop
VF
¾
290
370
mV
IF = 1mA
Leakage Current (Note 2)
IR
¾¾
1.0
mA
VR = 10V
Total Capacitance
CT
¾
2
¾
pF
VR = 1V, f = 1.0 MHz
@ TA = 25
°C unless otherwise specified
·
Case: SOT-523
·
Case Material: Molded Plastic. UL Flammability
Classification Rating: 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
·
Polarity: See Diagrams Below
·
Marking: See Diagrams Below & Page 3
·
Weight: 0.002 grams (approx.)
·
Ordering Information, see Page 3
A
M
J
L
D
B C
H
K
G
C
E
B
TOP VIEW
N
SDMP0340LT Marking: SM
SDMP0340LAT Marking: SQ
SDMP0340LCT Marking: SP
SDMP0340LST Marking: SN
SOT-523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
¾¾
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
a
0
°
8
°¾
All Dimensions in mm
Features
Notes: 1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
3. No purposefully added lead.
SPICE MODELS: SDMP0340LST SDMP0340LCT SDMP0340LAT


Similar Part No. - SDMP0340LCT-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDMP0340LCT-7-F DIODES-SDMP0340LCT-7-F Datasheet
131Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 11 - 2 July 2008
More results

Similar Description - SDMP0340LCT-7

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com