Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSRDA15-4-LF-T7 Datasheet(PDF) 5 Page - Protek Devices

Part # PSRDA15-4-LF-T7
Description  STEERING DIODE/ TVS ARRAY COMBO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSRDA15-4-LF-T7 Datasheet(HTML) 5 Page - Protek Devices

  PSRDA15-4-LF-T7 Datasheet HTML 1Page - Protek Devices PSRDA15-4-LF-T7 Datasheet HTML 2Page - Protek Devices PSRDA15-4-LF-T7 Datasheet HTML 3Page - Protek Devices PSRDA15-4-LF-T7 Datasheet HTML 4Page - Protek Devices PSRDA15-4-LF-T7 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PSRDA3.3-4
thru
PSRDA15-4
5
05096.R8 3/07
www.protekdevices.com
SO-8 PACKAGE OUTLINE & DIMENSIONS
COPYRIGHT © ProTek Devices 2007
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is
the buyer’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such
products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
TAPE & REEL/BULK ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance with EIA-481.
2. Suffix-T7 = 7 Inch Reel - 1,000 pieces per 12mm tape,
i.e. PSRDA05-4-T7.
3. Suffix-T13 = 13 Inch Reel - 2,500 pieces per 12mm tape,
i.e., PSRDA05-4-T13.
4. Suffix - LF = Lead-Free, Pure-Tin Plating, i.e., PSRDA05-4-LF-T7.
5. No Suffix = Product Shipped in Tubes of 98 pcs per Tube.
A
B
C
D
F
G
J
K
P
R
4.80
3.80
1.35
0.35
0.40
1.27 BSC
0.18
0.10
5.80
0.25
5.00
4.00
1.75
0.49
1.250
1.27 BSC
0.25
0.25
6.20
0.50
0.189
0.150
0.054
0.014
0.016
0.05 BSC
0.007
0.004
0.229
0.010
0.196
0.157
0.068
0.019
0.049
0.05 BSC
0.009
0.008
0.244
0.019
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES
1. - T - = Seating Plane and Datum Surface.
2. Dimensions “A” and “B” are Datum.
3. Dimensions “A” and “B” do not include mold protrusion.
4. Maximum mold protrusion is 0.015” (0.380 mm) per side.
5. Dimensioning and tolerances per ANSI Y14.5M, 1982.
6. Dimensions are exclusive of mold flash and metal burrs.
-A-
85
1
4
-B - P
G
D
-T-
C
K
J
R x 45°
0° - 10°
F
4 PL
0.010” (0.25 MM) M
M
B
+
8 PL
0.010” (0.25 MM) M
S
B
+
S
A
T
PACKAGE OUTLINE
SO-8
0.050 ± 0.005”
0.030 ± 0.005”
0.245” MIN
0.160 ± 0.005”
0.045 ± 0.005”
MOUNTING PAD
Outline & Dimensions: Rev 1 - 11/01, 06009


Similar Part No. - PSRDA15-4-LF-T7

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSRDA15-4 PROTEC-PSRDA15-4 Datasheet
107Kb / 5P
   STEERING DIODE / TVS ARRAY COMBO
PSRDA15-4 PROTEC-PSRDA15-4 Datasheet
928Kb / 9P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDA15-4 PROTEC-PSRDA15-4 Datasheet
931Kb / 9P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results

Similar Description - PSRDA15-4-LF-T7

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SR12 PROTEC-SR12 Datasheet
82Kb / 5P
   STEERING DIODE/ TVS ARRAY COMBO
logo
Bourns Electronic Solut...
CDNBS08-SRDA3.3-6 BOURNS-CDNBS08-SRDA3.3-6_12 Datasheet
336Kb / 4P
   Steering Diode/TVS Array Combo
logo
Protek Devices
PLR0508 PROTEC-PLR0508 Datasheet
157Kb / 4P
   STEERING DIODE/TVS ARRAY COMBO
PUSB3B PROTEC-PUSB3B Datasheet
72Kb / 4P
   STEERING DIODE/ TVS ARRAY COMBO
logo
Leshan Radio Company
LGRV05-4LT1G LRC-LGRV05-4LT1G Datasheet
922Kb / 6P
   STEERING DIODE/TVS ARRAY COMBO
logo
Protek Devices
PLR0502 PROTEC-PLR0502 Datasheet
72Kb / 4P
   STEERING DIODE/TVS ARRAY COMBO
logo
Bourns Electronic Solut...
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6_12 Datasheet
322Kb / 4P
   Steering Diode/TVS Array Combo
CDNBS08-PLC03-6 BOURNS-CDNBS08-PLC03-6_09 Datasheet
270Kb / 4P
   Steering Diode/TVS Array Combo
CDNBS08-SRDA3.3-4 BOURNS-CDNBS08-SRDA3.3-4_12 Datasheet
320Kb / 4P
   Steering Diode/TVS Array Combo
logo
List of Unclassifed Man...
PUSB6B ETC-PUSB6B Datasheet
97Kb / 4P
   STEERING DIODE / TVS ARRAY COMBO
logo
Protek Devices
SR28 PROTEC-SR28 Datasheet
95Kb / 3P
   STEERING DIODE / TVS ARRAY COMBO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com