Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX84C2V4T Datasheet(PDF) 2 Page - Diodes Incorporated

Part No. BZX84C2V4T
Description  150mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C2V4T Datasheet(HTML) 2 Page - Diodes Incorporated

  BZX84C2V4T_1 Datasheet HTML 1Page - Diodes Incorporated BZX84C2V4T_1 Datasheet HTML 2Page - Diodes Incorporated BZX84C2V4T_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30262 Rev. 8 - 2
2 of 3
BZX84C2V4T - BZX84C39T
www.diodes.com
Type
Number
Marking
Code
Zener Voltage
Range (Note 3)
Maximum Zener Impedance
(Note 4)
Maximum
Reverse Current
(Note 3)
Temperature
Coefficient of
Zener Voltage
@ IZT = 5mA
(mV/°C)
VZ @ IZT
IZT
ZZT @ IZT ZZK @ IZK
IZK
IR
@VR
Nom (V)
Min (V)
Max (V)
mA
W
mA
uA
V
Min
Max
BZX84C2V4T
RB
2.4
2.2
2.6
5.0
100
600
1.0
50
1.0
-3.5
0
BZX84C2V7T
RC
2.7
2.5
2.9
5.0
100
600
1.0
20
1.0
-3.5
0
BZX84C3V0T
RD
3.0
2.8
3.2
5.0
95
600
1.0
20
1.0
-3.5
0
BZX84C3V3T
RE
3.3
3.1
3.5
5.0
95
600
1.0
5.0
1.0
-3.5
0
BZX84C3V6T
RF
3.6
3.4
3.8
5.0
90
600
1.0
5.0
1.0
-3.5
0
BZX84C3V9T
RG
3.9
3.7
4.1
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX84C4V3T
RH
4.3
4.0
4.6
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX84C4V7T
R1
4.7
4.4
5.0
5.0
80
600
1.0
3.0
2.0
-3.5
0.2
BZX84C5V1T
R2
5.1
4.8
5.4
5.0
60
500
1.0
2.0
2.0
-2.7
1.2
BZX84C5V6T
R3
5.6
5.2
6.0
5.0
40
480
1.0
1.0
2.0
-2.0
2.5
BZX84C6V2T
R4
6.2
5.8
6.6
5.0
10
400
1.0
3.0
4.0
0.4
3.7
BZX84C6V8T
R5
6.8
6.4
7.2
5.0
15
150
1.0
2.0
4.0
1.2
4.5
BZX84C7V5T
R6
7.5
7.0
7.9
5.0
15
80
1.0
1.0
5.0
2.5
5.3
BZX84C8V2T
R7
8.2
7.7
8.7
5.0
15
80
1.0
0.7
5.0
3.2
6.2
BZX84C9V1T
R8
9.1
8.5
9.6
5.0
15
80
1.0
0.5
6.0
3.8
7.0
BZX84C10T
R9
10
9.4
10.6
5.0
20
100
1.0
0.2
7.0
4.5
8.0
BZX84C11T
P1
11
10.4
11.6
5.0
20
150
1.0
0.1
8.0
5.4
9.0
BZX84C12T
P2
12
11.4
12.7
5.0
25
150
1.0
0.1
8.0
6.0
10.0
BZX84C13T
P3
13
12.4
14.1
5.0
30
150
1.0
0.1
8.0
7.0
11.0
BZX84C15T
P4
15
13.8
15.6
5.0
30
170
1.0
0.1
10.5
9.2
13.0
BZX84C16T
P5
16
15.3
17.1
5.0
40
200
1.0
0.1
11.2
10.4
14.0
BZX84C18T
P6
18
16.8
19.1
5.0
45
200
1.0
0.1
12.6
12.4
16.0
BZX84C20T
P7
20
18.8
21.2
5.0
55
225
1.0
0.1
14.0
14.4
18.0
BZX84C22T
P8
22
20.8
23.3
5.0
55
225
1.0
0.1
15.4
16.4
20.0
BZX84C24T
P9
24
22.8
25.6
5.0
70
250
1.0
0.1
16.8
18.4
22.0
BZX84C27T
PA
27
25.1
28.9
2.0
80
250
0.5
0.1
18.9
21.4
25.3
BZX84C30T
PB
30.0
28.0
32.0
2.0
80
300
0.5
0.1
21.0
24.4
29.4
BZX84C33T
PC
33.0
31.0
35.0
2.0
80
300
0.5
0.1
23.1
27.4
33.4
BZX84C36T
PD
36.0
34.0
38.0
2.0
90
325
0.5
0.1
25.2
30.4
37.4
BZX84C39T
PE
39.0
37.0
41.0
2.0
130
350
0.5
0.1
27.3
33.4
41.2
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
3. Short duration pulse test used to minimize self-heating effect.
4. f = 1KHz.
5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
TABLE 1
Ordering Information (Note 5)
Device
Packaging
Shipping
(Type Number)-7-F*
SOT-523
3000/Tape & Reel
* Add “-7-F” to the appropriate type number in Table 1 above example: 6.2V Zener = BZX84C6V2T-7-F.
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
N
P
R
S
T
U
V
W
Date Code Key
XXX = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
XXXYM
Marking Information


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZT52C2V0S_1SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
QZX363C5V6_1QUAD SURFACE MOUNT ZENER DIODE ARRAY 1 2 3 Diodes Incorporated
BZX84C2V4_1350mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
DZ23C2V7_1300mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
AZ23C2V7_1300mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
BZT52C2V0_1SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
MMSZ5221B_1500mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
MMBZ5221B_1350mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
SMAZ5V1_11.0W SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
BZX84C2V4S_1DUAL 200mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn