Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1427COA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1427COA
Description  1.2A Dual High-Speed MOSFET Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1427COA Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1427COA Datasheet HTML 3Page - Microchip Technology TC1427COA Datasheet HTML 4Page - Microchip Technology TC1427COA Datasheet HTML 5Page - Microchip Technology TC1427COA Datasheet HTML 6Page - Microchip Technology TC1427COA Datasheet HTML 7Page - Microchip Technology TC1427COA Datasheet HTML 8Page - Microchip Technology TC1427COA Datasheet HTML 9Page - Microchip Technology TC1427COA Datasheet HTML 10Page - Microchip Technology TC1427COA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2006 Microchip Technology Inc.
DS21393C-page 7
TC1426/TC1427/TC1428
4.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
550
440
330
220
110
0
57
9
11
13
15
VDD (V)
10,000 pF
4700 pF
2200 pF
Rise Time vs. Supply Voltage
330
264
198
132
66
0
10,000 pF
2200 pF
4700 pF
57
9
11
13
15
Fall Time vs. Supply Voltage
tD1
5
7
9
11
13
15
80
70
60
50
40
30
Delay Time vs. Supply Voltage
TA = +25°C
TA = +25°C
CL = 1000 pF
TA = +25°C
VDD (V)
VDD (V)
tD2
40
32
24
16
8
0
25
45
65
85
105
125
TEMPERATURE (
°C)
Rise and Fall Times vs. Temperature
60
54
48
42
36
0
25
45
65
85
105
125
TEMPERATURE (
°C)
Delay Time vs. Temperature
30
24
18
12
6
0
100
520
940
1360
1780
2200
CAPACITIVE LOAD (pF)
500 kHz
200 kHz
20 kHz
Supply Current vs. Capacitive Load
CL = 1000 pF
VDD = +15V
TA = +25°C
CL = 1000 pF
VDD = +15V
CL = 1000 pF
VDD = +15V
tD1
tD2
tFALL
tRISE
CAPACITIVE LOAD (pF)
100
1000
10,000
1000
100
10
10 VDD
5 VDD
15 VDD
Rise Time vs. Capacitive Load
1000
100
10
100
1000
10,000
CAPACITIVE LOAD (pF)
5 VDD
10 VDD
Fall Time vs. Capacitive Load
15VDD
100
80
60
40
20
0
10
100
1000
10,000
VDD = 15V
VDD = 10V
V
= 5V
DD
FREQUENCY (kHz)
Supply Current vs. Frequency
CL = 1000 pF
TA = +25°C
TA = +25°C
TA = +25°C


Similar Part No. - TC1427COA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1427COA TELCOM-TC1427COA Datasheet
81Kb / 6P
   1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1427COA MICROCHIP-TC1427COA Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
TC1427COA MICROCHIP-TC1427COA Datasheet
768Kb / 16P
   1.2A Dual High-Speed MOSFET Drivers
2001-2012 11/27/12
More results

Similar Description - TC1427COA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1426 MICROCHIP-TC1426 Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC1426 TELCOM-TC1426 Datasheet
81Kb / 6P
   1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1426 MICROCHIP-TC1426_13 Datasheet
768Kb / 16P
   1.2A Dual High-Speed MOSFET Drivers
2001-2012 11/27/12
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com