Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1426CPA Datasheet(PDF) 8 Page - Microchip Technology

Part # TC1426CPA
Description  1.2A Dual High-Speed MOSFET Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1426CPA Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC1426CPA Datasheet HTML 4Page - Microchip Technology TC1426CPA Datasheet HTML 5Page - Microchip Technology TC1426CPA Datasheet HTML 6Page - Microchip Technology TC1426CPA Datasheet HTML 7Page - Microchip Technology TC1426CPA Datasheet HTML 8Page - Microchip Technology TC1426CPA Datasheet HTML 9Page - Microchip Technology TC1426CPA Datasheet HTML 10Page - Microchip Technology TC1426CPA Datasheet HTML 11Page - Microchip Technology TC1426CPA Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TC1426/TC1427/TC1428
DS21393C-page 8
© 2006 Microchip Technology Inc.
TYPICAL CHARACTERISTICS (CONTINUED)
100 mA
50 mA
10 mA
15
13
11
9
7
5
57
9
11
13
15
Low-State Output Resistance
50
42
34
26
18
10
57
9
11
13
15
100 mA
50 mA
10 mA
High-State Output Resistance
10-8
10-9
10-10
4
6
8
101214
1618
Crossover Energy Loss
TA = +25°C
TA = +25°C
VDD (V)
VDD (V)
VDD (V)
20
15
10
5
0
0
50
100
150
200
300
400
SUPPLY CURRENT (
μA)
Quiescent Power Supply
Current vs. Supply Voltage
BOTH INPUTS LOGIC ‘
0’
20
15
10
5
0
1
234
5
6
SUPPLY CURRENT (mA)
BOTH INPUTS LOGIC ‘
1’
Quiescent Power Supply
Current vs. Supply Voltage
200
0
400
600
800
1000
1200
1400
1600
0
10
20
30
40
50
60
70
80
90
100
110
120
AMBIENT TEMPERATURE (°C)
8 Pin DIP
Thermal Derating Curves
8 Pin SOIC


Similar Part No. - TC1426CPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1426CPA TELCOM-TC1426CPA Datasheet
81Kb / 6P
   1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1426CPA MICROCHIP-TC1426CPA Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
TC1426CPA MICROCHIP-TC1426CPA Datasheet
768Kb / 16P
   1.2A Dual High-Speed MOSFET Drivers
2001-2012 11/27/12
More results

Similar Description - TC1426CPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1426 MICROCHIP-TC1426 Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC1426 TELCOM-TC1426 Datasheet
81Kb / 6P
   1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1426 MICROCHIP-TC1426_13 Datasheet
768Kb / 16P
   1.2A Dual High-Speed MOSFET Drivers
2001-2012 11/27/12
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com