Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTY81-210 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # KTY81-210
Description  Silicon temperature sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KTY81-210 Datasheet(HTML) 3 Page - NXP Semiconductors

  KTY81-210 Datasheet HTML 1Page - NXP Semiconductors KTY81-210 Datasheet HTML 2Page - NXP Semiconductors KTY81-210 Datasheet HTML 3Page - NXP Semiconductors KTY81-210 Datasheet HTML 4Page - NXP Semiconductors KTY81-210 Datasheet HTML 5Page - NXP Semiconductors KTY81-210 Datasheet HTML 6Page - NXP Semiconductors KTY81-210 Datasheet HTML 7Page - NXP Semiconductors KTY81-210 Datasheet HTML 8Page - NXP Semiconductors KTY81-210 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1998 Mar 26
3
Philips Semiconductors
Product specification
Silicon temperature sensors
KTY81-2 series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
CHARACTERISTICS
Tamb =25 °C, in liquid, unless otherwise specified.
Notes
1. The thermal time constant is the time taken for the sensor to reach 63.2% of the total temperature difference.
For example, if a sensor with a temperature of 25
°C is moved to an environment with an ambient temperature of
100
°C, the time for the sensor to reach a temperature of 72.4 °C is the thermal time constant.
2. Inert liquid, e.g. FC43 manufactured by the 3M company.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Icont
continuous sensor current
in free air; Tamb =25 °C
10
mA
in free air; Tamb = 150 °C
2mA
Tamb
ambient operating temperature
−55
+150
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R25
sensor resistance
Icont =1mA
KTY81-210
1980
2020
KTY81-220
1960
2040
KTY81-221
1960
2000
KTY81-222
2000
2040
KTY81-250
1900
2100
KTY81-251
1900
2000
KTY81-252
2000
2100
TC
temperature coefficient
0.79
%/K
R100/R25
resistance ratio
Tamb = 100 °C and 25 °C 1.676
1.696
1.716
R−55/R25
resistance ratio
Tamb = −55 °C and 25 °C 0.480
0.490
0.500
τ
thermal time constant; note 1
in still air
30
s
in still liquid; note 2
5
s
in flowing liquid; note 2
3
s
rated temperature range
−55
+150
°C


Similar Part No. - KTY81-210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY81-1 PHILIPS-KTY81-1 Datasheet
109Kb / 16P
   Silicon temperature sensors
1998 Mar 26
KTY81-1 PHILIPS-KTY81-1 Datasheet
83Kb / 16P
   Silicon temperature sensors
2000 Aug 25
KTY81-110 PHILIPS-KTY81-110 Datasheet
109Kb / 16P
   Silicon temperature sensors
1998 Mar 26
KTY81-120 PHILIPS-KTY81-120 Datasheet
109Kb / 16P
   Silicon temperature sensors
1998 Mar 26
KTY81-120112 NXP-KTY81-120112 Datasheet
78Kb / 15P
   Silicon temperature sensors
Rev. 05-25 April 2008
More results

Similar Description - KTY81-210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
KTY82-2 PHILIPS-KTY82-2 Datasheet
78Kb / 16P
   Silicon temperature sensors
1998 Mar 26
KTY81110 PHILIPS-KTY81110 Datasheet
78Kb / 15P
   Silicon temperature sensors
Rev. 05-25 April 2008
KTY81-1 PHILIPS-KTY81-1 Datasheet
109Kb / 16P
   Silicon temperature sensors
1998 Mar 26
KTY81-1 PHILIPS-KTY81-1_00 Datasheet
83Kb / 16P
   Silicon temperature sensors
2000 Aug 25
KTY81-120112 NXP-KTY81-120112 Datasheet
78Kb / 15P
   Silicon temperature sensors
Rev. 05-25 April 2008
KTY85-1 PHILIPS-KTY85-1 Datasheet
61Kb / 12P
   Silicon temperature sensors
1998 Mar 26
KTY83 PHILIPS-KTY83 Datasheet
63Kb / 11P
   Silicon temperature sensors
2003 Sep 15
KTY82 NXP-KTY82 Datasheet
79Kb / 17P
   Silicon temperature sensors
Rev. 04-14 January 2008
KTY83 NXP-KTY83 Datasheet
61Kb / 10P
   Silicon temperature sensors
Rev. 06-4 April 2008
KTY81122.112 NXP-KTY81122.112 Datasheet
78Kb / 15P
   Silicon temperature sensors
Rev. 05-25 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com