Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSOT03LC-T13 Datasheet(PDF) 4 Page - Protek Devices

Part # PSOT03LC-T13
Description  ULTRA LOW CAPACITANCE TVS ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSOT03LC-T13 Datasheet(HTML) 4 Page - Protek Devices

  PSOT03LC-T13 Datasheet HTML 1Page - Protek Devices PSOT03LC-T13 Datasheet HTML 2Page - Protek Devices PSOT03LC-T13 Datasheet HTML 3Page - Protek Devices PSOT03LC-T13 Datasheet HTML 4Page - Protek Devices PSOT03LC-T13 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PSOT03LC
thru
PSOT36LC
4
05066.R6 3/07
www.protekdevices.com
The PSOTxxLC Series are low capacitance TVS arrays designed to protect I/O or data lines from the damaging effects of ESD or EFT. This product
series provides unidirectional & bidirectional protection, with a surge capability of 500 Watts P
PP per line for an 8/20µs waveform and ESD protection
> 40 kilovolts.
BIDIRECTIONAL COMMON-MODE CONFIGRUATION (Figure 1)
Two PSOTxxLC devices, when used in paralell, provide protection in a
common-mode configuration as depicted in Figure 1.
Circuit connectivity is as follows:
I/O Line is connected to Device 1, Pin 1.
I/O Line is connect to Device 2, Pin 2.
Device 1, Pin 2 is connected to ground.
Device 2, Pin 1 is connected to ground.
Device 1 & 2, Pin 3 is not connected.
BIDIRECTIONAL DIFFERENTIAL-MODE CONFIGRUATION (Figure 1)
In addition, two PSOTxxLC devices, when used in paralell, provide
protection in a differential-mode configuration for Ethernet applications as
depicted in Figure 2.
Circuit connectivity is as follows:
I/O Line 1 is connected to Device 1, Pin 1.
I/O Line 1 is connect to Device 2, Pin 2.
I/O Line 2 is connected to Device 1, Pin 1.
I/O Line 2 is connect to Device 2, Pin 2.
Device 1 & 2, Pin 3 is not connected.
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Circuit board layout is critical for Electromagnetic
Compatibility (EMC) protection. The following
guidelines are recommended:
The protection device should be placed near the
input terminals or connectors, the device will
divert the transient current immediately before it
can be coupled into the nearby traces.
The path length between the TVS device and the
protected line should be minimized.
All conductive loops including power and ground
loops should be minimized.
The transient current return path to ground
should be kept as short as possible to reduce
parasitic inductance.
Ground planes should be used whenever
possible. For multilayer PCBs, use ground vias.
Figure 1 - Common-Mode I/O Port Protection
3
1
2
3
1
2
I/O LINE
GND
Figure 2 - Differential-Mode Ethernet Protection
3
1
2
3
1
2
I/O 1
I/O 2
APPLICATION NOTE


Similar Part No. - PSOT03LC-T13

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSOT03LC PROTEC-PSOT03LC Datasheet
175Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PSOT03LC PROTEC-PSOT03LC Datasheet
886Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PSOT03LC PROTEC-PSOT03LC Datasheet
887Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PSOT03LCC PROTEC-PSOT03LCC Datasheet
634Kb / 6P
   300 WATT TVS ARRAY
PSOT03LC PROTEC-PSOT03LC_11 Datasheet
886Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PSOT03LC-T13

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
   Ultra Low Capacitance TVS Array
logo
Protek Devices
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
   ultra LOW CAPACITANCE TVS ARRAY
PAM19DF2L0521P PROTEC-PAM19DF2L0521P Datasheet
473Kb / 6P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com