Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B0530WS Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. B0530WS
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B0530WS Datasheet(HTML) 1 Page - Diodes Incorporated

  B0530WS_1 Datasheet HTML 1Page - Diodes Incorporated B0530WS_1 Datasheet HTML 2Page - Diodes Incorporated B0530WS_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30249 Rev. 10 - 2
1 of 3
B0530WS
www.diodes.com
ã Diodes Incorporated
B0530WS
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Average Rectified Output Current (See Figure 1)
IO
0.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimposed on rated load
IFSM
2A
Power Dissipation (Note 1)
Pd
235
mW
Typical Thermal Resistance Junction to Ambient (Note 1)
RqJA
426
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-40 to +125
°C
A
B
C
D
E
G
H
J
·
Low Forward Voltage Drop
·
Guard Ring Construction for Transient Protection
·
High Conductance
·
Lead Free/RoHS Compliant (Note 3)
·
Qualified to AEC-Q101 Standards for High Reliability
·
Case: SOD-323
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
·
Polarity: Cathode Band
·
Marking: Type Code and Cathode Band
Type Code: SE
·
Weight: 0.004 grams (approximate)
Mechanical Data
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Breakdown Voltage (Note 2)
V(BR)R
30
¾¾
V
IR = 500
mA
Forward Voltage Drop
VF
¾
¾
¾
0.40
0.36
0.45
V
IF = 0.1A
IF = 0.5A
Leakage Current (Note 2)
IR
¾
¾
¾
¾
¾
¾
80
100
500
mA
VR = 15V
VR = 20V
VR = 30V
Total Capacitance
CT
¾
58
¾
pF
f = 1MHz, VR = 0VDC
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.60
1.80
C
1.20
1.40
D
1.00
1.10
E
0.25
0.35
G
0.20
0.40
H
0.10
0.15
J
0.05 Typical
a
0
°
8
°
All Dimensions in mm
Note:
1. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
3. No purposefully added lead.
SPICE MODEL: B0530WS


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn