Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C18TS-7-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BZX84C18TS-7-F
Description  TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C18TS-7-F Datasheet(HTML) 2 Page - Diodes Incorporated

  BZX84C18TS-7-F Datasheet HTML 1Page - Diodes Incorporated BZX84C18TS-7-F Datasheet HTML 2Page - Diodes Incorporated BZX84C18TS-7-F Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30187 Rev. 9 - 2
2 of 3
BZX84C2V4TS - BZX84C39TS
www.diodes.com
Type
Number
Marking
Code
Zener Voltage
Range (Note 2)
Maximum Zener Impedance
(Note 3)
Maximum Reverse
Current (Note 2)
Temperature
Coefficient of
Zener Voltage
@ IZT = 5mA
mV/
°C
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
VR
Nom (V)
Min (V)
Max (V)
mA
mA
uA
@ V
Min
Max
BZX84C2V4TS
KRB
2.4
2.2
2.6
5
100
600
0.5
50
1.0
-3.5
0
BZX84C2V7TS
KRC
2.7
2.5
2.9
5
100
600
1.0
20
1.0
-3.5
0
BZX84C3V0TS
KRD
3.0
2.8
3.2
5
95
600
1.0
10
1.0
-3.5
0
BZX84C3V3TS
KRE
3.3
3.1
3.5
5
95
600
1.0
5.0
1.0
-3.5
0
BZX84C3V6TS
KRF
3.6
3.4
3.8
5
90
600
1.0
5.0
1.0
-3.5
0
BZX84C3V9TS
KRG
3.9
3.7
4.1
5
90
600
1.0
3.0
1.0
-3.5
0
BZX84C4V3TS
KRH
4.3
4.0
4.6
5
90
600
1.0
3.0
1.0
-3.5
0
BZX84C4V7TS
KR1
4.7
4.4
5.0
5
80
500
1.0
3.0
2.0
-3.5
0.2
BZX84C5V1TS
KR2
5.1
4.8
5.4
5
60
480
1.0
2.0
2.0
-2.7
1.2
BZX84C5V6TS
KR3
5.6
5.2
6.0
5
40
400
1.0
1.0
2.0
-2.0
2.5
BZX84C6V2TS
KR4
6.2
5.8
6.6
5
10
150
1.0
3.0
4.0
0.4
3.7
BZX84C6V8TS
KR5
6.8
6.4
7.2
5
15
80
1.0
2.0
4.0
1.2
4.5
BZX84C7V5TS
KR6
7.5
7.0
7.9
5
15
80
1.0
1.0
5.0
2.5
5.3
BZX84C8V2TS
KR7
8.2
7.7
8.7
5
15
80
1.0
0.7
5.0
3.2
6.2
BZX84C9V1TS
KR8
9.1
8.5
9.6
5
15
100
1.0
0.5
6.0
3.8
7.0
BZX84C10TS
KR9
10.0
9.4
10.6
5
20
150
1.0
0.2
7.0
4.5
8.0
BZX84C11TS
KP1
11.0
10.4
11.6
5
20
150
1.0
0.1
8.0
5.4
9.0
BZX84C12TS
KP2
12.0
11.4
12.7
5
25
150
1.0
0.1
8.0
6.0
10.0
BZX84C13TS
KP3
13.0
12.4
14.1
5
30
170
1.0
0.1
8.0
7.0
11.0
BZX84C15TS
KP4
15.0
13.8
15.6
5
30
200
1.0
0.1
10.5
9.2
13.0
BZX84C16TS
KP5
16.0
15.3
17.1
5
40
200
1.0
0.1
11.2
10.4
14.0
BZX84C18TS
KP6
18.0
16.8
19.1
5
45
225
1.0
0.1
12.6
12.4
16.0
BZX84C20TS
KP7
20.0
18.8
21.2
5
55
225
1.0
0.1
14.0
14.4
18.0
BZX84C22TS
KP8
22.0
20.8
23.3
5
55
250
1.0
0.1
15.4
16.4
20.0
BZX84C24TS
KP9
24.0
22.8
25.6
5
70
250
1.0
0.1
16.8
18.4
22.0
BZX84C27TS
KPA
27.0
25.1
28.9
2
80
300
0.5
0.1
18.9
21.4
25.3
BZX84C30TS
KPB
30.0
28.0
32.0
2
80
300
0.5
0.1
21.0
24.4
29.4
BZX84C33TS
KPC
33.0
31.0
35.0
2
80
325
0.5
0.1
23.1
27.4
33.4
BZX84C36TS
KPD
36.0
34.0
38.0
2
90
350
0.5
0.1
25.2
30.4
37.4
BZX84C39TS
KPE
39.0
37.0
41.0
2
130
350
0.5
0.1
27.3
33.4
41.2
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
2. Short duration test pulse used to minimize self-heating effect.
3. f = 1KHz.
Marking Information
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
N
P
R
S
T
U
V
W
Date Code Key
KXX = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
KXX YM


Similar Part No. - BZX84C18TS-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C18TS DIODES-BZX84C18TS Datasheet
59Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 4 - 2
BZX84C18TS DIODES-BZX84C18TS Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 11 - 2 May 2008
logo
Jiangsu Changjiang Elec...
BZX84C18TS JIANGSU-BZX84C18TS Datasheet
1Mb / 5P
   ZENER DIODE
More results

Similar Description - BZX84C18TS-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BTS DIODES-MMBZ5221BTS Datasheet
62Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 4 - 2
BZX84C2V4TS DIODES-BZX84C2V4TS_15 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
BZX84C2V4TS DIODES-BZX84C2V4TS_08 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 11 - 2 May 2008
MMBZ5221BTS DIODES-MMBZ5221BTS_08 Datasheet
149Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 12 - 2 June 2008
BZX84C2V4TS DIODES-BZX84C2V4TS Datasheet
59Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 4 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS_1 Datasheet
91Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 10 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS_15 Datasheet
184Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DDZX5V1BTS DIODES-DDZX5V1BTS_1 Datasheet
178Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 6 - 2
DDZX9689TS DIODES-DDZX9689TS Datasheet
252Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30412 Rev. 3 - 2
DDZX5V1BTS DIODES-DDZX5V1BTS Datasheet
174Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 2 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com