Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3266-W-1-103LF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3266-W-1-103LF
Description  1/4 Square Trimming Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3266-W-1-103LF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3266-W-1-103LF Datasheet HTML 1Page - Bourns Electronic Solutions 3266-W-1-103LF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.46 ±.03
(.018 ±.001)
12 3
3266W
Common Dimensions
4.50 ±.38
(.177 ±.015)
.46 ±.13
(.018 ±.005)
1.24 ±.25
(.049 ±.010)
.46 ±.13
(.018 ±.005)
12 3
12 3
3266P
3266X
12 3
3.18
(.125)
2.16
(.085)
3266Y
4.50 ±.38
(.177 ±.015)
12 3
4.32
(.170)
4.50 ±.38
(.177 ±.015)
0.38
(.015)
3266Z
TYP.
6.71 ±.38
(.264 ±.015)
6.71 ±.38
(.264 ±.015)
1.22 ±.25
(.048 ±.010)
1.22 ±.25
(.048 ±.010)
1.02
(.040 )
4.32
(.170)
4.50 ±.38**
(.177 ±.015)
4.78 ±.38**
(.188 ±.015)
4.42 ± .51
(.174 ±.020)
7.24 ±.51
(.285 ±.020)
6.85 ±.51
(.270 ±.020)
TYP.**
1.22 ±.25
(.048 ±.010)
.76**
(.030)
1.22 ±.25
(.048 ±.010)
1.02
(.040)
1.02
(.040)
1.02
(.040)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
1.02
(.040)
2.54
(.100)
2.54 ± .25
(.100 ± .010)
2.54 ± .25
(.100 ± .010)
2.54 ± .25
(.100 ± .010)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
.76
(.030)
MIN.**
1.24 ±.25**
(.049 ±.010)
1.24 ±.25**
(.049 ±.010)
7.24 ±.51
(.285 ±.020)
1.24 ±.25**
(.049 ±.010)
6.85 ±.51
(.270 ±.020)
3.18
(.125)
2.16
(.085)
MIN.
0.46 ±.13
(.018 ±.005)
MIN.
1.02 ±.25
(.040 ±.010)
6.48 ±.51
(.255 ±.020)
0.76 ± .25
(.030 ± .010)
DIA.**
ADJ. SLOT
1.78
(.070)
.51
(.020)
.64
(.025)
WIDE
X
X
DEEP
DIA.
1.52
(.06)
3266 - 1/4 ” Square Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
†“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
Multiturn / Cermet / Industrial / Sealed
Standoffs allow thorough PC board
washing
Tape and reel packaging available
Patent #4427966 drive mechanism
RoHS compliant* version available
Electrical Characteristics
Standard Resistance Range
....................................10 to 1 megohm
(see standard resistance table)
Resistance Tolerance ............±10 % std.
Absolute Minimum Resistance
..............................1 % or 2 ohms max.
(whichever is greater)
Contact Resistance Variation
...........................3.0 % or 3 ohms max.
(whichever is greater)
Adjustability
Voltage.....................................±0.02 %
Resistance ...............................±0.05 %
Resolution.....................................Infinite
Insulation Resistance ................500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level ..................................600 vac
80,000 Feet...............................250 vac
Effective Travel..................12 turns nom.
Environmental Characteristics
Power Rating (300 volts max.)
70 °C ......................................0.25 watt
150 °C .........................................0 watt
Temperature Range ....-55 °C to +150 °C
Temperature Coefficient ....±100 ppm/°C
Seal Test........................85 °C Fluorinert
Humidity........MIL-STD-202 Method 103
96 hours (2 % ∆TR, 10 Megohms IR)
Vibration.........30 G (1 % ∆TR; 1 % ∆VR)
Shock...........100 G (1 % ∆TR; 1 % ∆VR)
Load Life ...1,000 hours 0.25 watt 70 °C
(3 % ∆TR; 3 % CRV)
Rotational Life ........................200 cycles
(4 % ∆TR; 3 % or 3 ohms,
whichever is greater, CRV)
Physical Characteristics
Torque .............................3.0 oz-in. max.
Mechanical Stops..................Wiper idles
Terminals ........................Solderable pins
Weight ......................................0.015 oz.
Marking ...........................Manufacturer’s
trademark, resistance code,
wiring diagram, date code,
manufacturer’s model
number and style
Wiper................50 % (Actual TR) ±10 %
Flammability ...........................U.L. 94V-0
Standard Packaging .....50 pcs. per tube
Adjustment Tool ..............................H-90
1
3 CW
CLOCKWISE
CCW
2 WIPER
How to Order
3266 W - 1 - 103 __ LF
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
Resistance Code
Packaging Designator
Blank = Tube (Standard)
R = Tape and Reel (Z and Y Pin Styles
Only)
A = Ammo Pack (Z and Y Pin Styles Only)
Terminations
LF = 100 % Tin-plated (RoHS compliant)
Blank = 90 % Tin / 10 % Lead-plated
(Standard)
Consult factory for other available options.
DIMENSIONS ARE:
MM
(INCHES)
TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED
**COMMON DIMENSIONS


Similar Part No. - 3266-W-1-103LF

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3266-P-100 DBLECTRO-3266-P-100 Datasheet
496Kb / 1P
   Square Trimming Potentiometer
3266-P-101 DBLECTRO-3266-P-101 Datasheet
496Kb / 1P
   Square Trimming Potentiometer
3266-P-102 DBLECTRO-3266-P-102 Datasheet
496Kb / 1P
   Square Trimming Potentiometer
3266-P-103 DBLECTRO-3266-P-103 Datasheet
496Kb / 1P
   Square Trimming Potentiometer
3266-P-104 DBLECTRO-3266-P-104 Datasheet
496Kb / 1P
   Square Trimming Potentiometer
More results

Similar Description - 3266-W-1-103LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3362 BOURNS-3362 Datasheet
249Kb / 2P
   1/4 Square Trimming Potentiometer
3362 BOURNS-3362_09 Datasheet
258Kb / 2P
   1/4 ??Square Trimming Potentiometer
3362 BOURNS-3362 Datasheet
249Kb / 2P
   1/4 Square Trimming Potentiometer
3260 BOURNS-3260 Datasheet
108Kb / 1P
   1/4 ??Square Trimpot Trimming Potentiometer
3362W-1-204LF BOURNS-3362W-1-204LF Datasheet
164Kb / 2P
   3362 - 1/4 ??Square Trimming Potentiometer
3361 BOURNS-3361 Datasheet
176Kb / 2P
   1/4 Square SMD Trimming Potentiometer
3362P-1-502T-LF BOURNS-3362P-1-502T-LF Datasheet
164Kb / 2P
   3362 1/4 Square Trimming Potentiometer
3362S-1-204 BOURNS-3362S-1-204 Datasheet
283Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
3362P-1-201LF BOURNS-3362P-1-201LF Datasheet
356Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
logo
Bi technologies
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com