Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PP0640SA Datasheet(PDF) 1 Page - Protek Devices

Part # PP0640SA
Description  THYRISTOR SURGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PP0640SA Datasheet(HTML) 1 Page - Protek Devices

  PP0640SA Datasheet HTML 1Page - Protek Devices PP0640SA Datasheet HTML 2Page - Protek Devices PP0640SA Datasheet HTML 3Page - Protek Devices PP0640SA Datasheet HTML 4Page - Protek Devices PP0640SA Datasheet HTML 5Page - Protek Devices PP0640SA Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
THYRISTOR SURGE SUPPRESSOR
1
05081.R10 2/07
www.protekdevices.com
PP0640SA
thru
PP3500SC
APPLICATIONS
✔ T1/E1 Trunk & Line Card
✔ SLIC Line Card
✔ DBX Branch Exchange Switches
✔ FCC Part 68 Customer Premise Equipment
✔ Line Interface Modem
✔ xDSL Architecture Interface
✔ ISDN Architecture Interface
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
✔ 61000-4-5 (Surge): 8/20µs - 95A, L4(Line-Gnd), 48A, L4(Line-Line) & 83A, L2(Power)
FEATURES
✔ Complies with: FCC Part 68, UL 1459, Bellcore 1089, ITU-K.20 & K.21
✔ UL File Recognition # E208219
✔ Peak Off-State Voltage from 25 to 300 Volts
✔ Surge Current Capability (See Table 1)
✔ ESD Protection > 40 kilovolts
✔ Low Capacitance for T1/E1 Trunk & Line Card Applications
✔ Bidirectional Configurations
✔ RoHS Compliant
MECHANICAL CHARACTERISTICS
✔ Molded Plastic DO-214AA Package
✔ Weight 2.5 grams (Approximate)
✔ Available in Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
✔ Leaded Device Availability
✔ Flammability Rating UL 94V-0
✔ 12mm Tape and Reel Per EIA Standard 481
✔ Marking: Logo & Marking Code
DO-214AA
DEVICE SYMBOL
(BIDIRECTIONAL)
Note 1: Critital Rate of Rise for On-State Current (di/dt) and Off-State Voltage (dv/dt).
SERIES
I
PP
2 X 10µs
AMPS
I
PP
10 X 160µs
AMPS
I
PP
10 X 560µs
AMPS
I
PP
10 X 1000µs
AMPS
I
TSM
60 Hz
AMPS
di/dt
AMPS/µs
(See Note 1)
SA
SB
SC
150
300
500
100
150
200
50
100
200
50
80
100
20
32
60
500
500
500
TABLE 1 - SURGE RATINGS
2000
2000
2000
dv/dt
V/µs
(See Note 1)
I
PP
8 X 20µs
AMPS
150
300
400


Similar Part No. - PP0640SA

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_12 Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
More results

Similar Description - PP0640SA

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
   Thyristor Surge Suppressor
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
   THYRISTOR Surge suppressor
logo
Protek Devices
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_12 Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP_SM PROTEC-PP_SM_15 Datasheet
534Kb / 10P
   THYRISTOR SURGE SUPPRESSOR
logo
List of Unclassifed Man...
PP1101SB ETC1-PP1101SB Datasheet
353Kb / 4P
   UNIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR
logo
Guangdong Kexin Industr...
P0080TB KEXIN-P0080TB Datasheet
1Mb / 3P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
SE2302 LEIDITECH-SE2302 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
logo
SUNMATE electronic Co.,...
P4000SC SUNMATE-P4000SC Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com