Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMZ10A1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # KMZ10A1
Description  Magnetic field sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMZ10A1 Datasheet(HTML) 3 Page - NXP Semiconductors

  KMZ10A1 Datasheet HTML 1Page - NXP Semiconductors KMZ10A1 Datasheet HTML 2Page - NXP Semiconductors KMZ10A1 Datasheet HTML 3Page - NXP Semiconductors KMZ10A1 Datasheet HTML 4Page - NXP Semiconductors KMZ10A1 Datasheet HTML 5Page - NXP Semiconductors KMZ10A1 Datasheet HTML 6Page - NXP Semiconductors KMZ10A1 Datasheet HTML 7Page - NXP Semiconductors KMZ10A1 Datasheet HTML 8Page - NXP Semiconductors KMZ10A1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1998 Apr 06
3
Philips Semiconductors
Product specification
Magnetic field sensor
KMZ10A1
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
DC supply voltage
9V
Ptot
total power dissipation
up to Tamb = 132 °C
100
mW
Tstg
storage temperature
−65
+150
°C
Tbridge
bridge operating temperature
−40
+150
°C
Fig.3 Power derating curve.
handbook, halfpage
0
150
100
50
0
50
100
150
MSA927
T
( C)
amb
o
P
(mW)
tot


Similar Part No. - KMZ10A1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMZ10A PHILIPS-KMZ10A Datasheet
69Kb / 8P
   Magnetic field sensor
1998 Mar 24
More results

Similar Description - KMZ10A1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
   Magnetic field sensor
2003 Sep 15
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
   Magnetic Field Sensor
2000 Jun 09
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
   Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
   Magnetic field sensor
Rev. 05-4 March 2009
logo
Pepperl+Fuchs Inc.
MB60-12GM50-E2 PF-MB60-12GM50-E2 Datasheet
252Kb / 2P
   Magnetic field sensor
MB80-12GM50-E0-PUR PF-MB80-12GM50-E0-PUR Datasheet
131Kb / 1P
   Magnetic field sensor
MC60-12GM50-1N PF-MC60-12GM50-1N Datasheet
208Kb / 2P
   Magnetic field sensor
40FY28-33 PF-40FY28-33 Datasheet
231Kb / 2P
   Magnetic field sensor
40FY36-33 PF-40FY36-33 Datasheet
119Kb / 1P
   Magnetic field sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com