Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PA2423U Datasheet(PDF) 5 Page - SiGe Semiconductor, Inc.

Part No. PA2423U
Description  RangeChargerTM 2.4 GHz Bluetoothtm Power Amplifier IC Preliminary
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIGE [SiGe Semiconductor, Inc.]
Homepage  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

PA2423U Datasheet(HTML) 5 Page - SiGe Semiconductor, Inc.

  PA2423U Datasheet HTML 1Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 2Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 3Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 4Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 5Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 6Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 7Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 8Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PA2423U
RangeCharger
TM 2.4 GHz Bluetoothtm Power Amplifier IC
Preliminary
131-DST-01 Rev 1.1 Apr-18-2006
Confidential
5 of 10
QA041806
Typical Performance Characteristics
Test Conditions: SiGe PA2423U-EV1: VCC0 = VCC1 = VCC2 = VRAMP = VCTL = 3.3 V, PIN = 0 dBm, TA = 25
°C, f = 2.45
GHz, input and output externally matched to 50Ω unless otherwise noted
POUT vs. PIN over VCC (2.45 GHz)
0
5
10
15
20
25
30
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
PIN (dBm)
3.3 V
2.7 V
3.6 V
ICC vs. PIN over VCC (2.45 GHz)
0.05
0.07
0.09
0.11
0.13
0.15
0.17
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
PIN (dBm)
3.3 V
2.7 V
3.6 V
Efficiency vs PIN over VCC (2.45 GHz)
0
5
10
15
20
25
30
35
40
45
50
-30-25
-20-15
-10
-5
0
5
10
PIN (dBm)
3.3V
2.7V
3.6V
Gain vs Frequency over VCC (PIN = 0 dBm)
20
20.5
21
21.5
22
22.5
23
23.5
2.4
2.41
2.42
2.43
2.44
2.45
2.46
2.47
2.48
2.49
2.5
Frequency (GHz)
3.3 V
2.7 V
3.6 V
POUT vs. VCTL over VCC (2.45 GHz)
-20
-15
-10
-5
0
5
10
15
20
25
30
0
0.5
1
1.522.533.5
4
VCTL (V)
3.3 V
2.7 V
3.6 V
I CC vs. VCTL over VCC (2.45 GHz)
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
VCTL (V)
3.3 V
2.7 V
3.6 V
Figure 3: PA2423U Typical Performance Characteristics


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PA2423L-EK1RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit 1 2 3 4 5 MoreSiGe Semiconductor, Inc.
SST12LP142.4 GHz Power Amplifier 1 2 3 4 5 MoreSilicon Storage Technology, Inc
SST12LP102.4 GHz High-Linearity Power Amplifier 1 2 3 4 5 MoreSilicon Storage Technology, Inc
SST13LP012.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier 1 2 3 4 5 MoreSilicon Storage Technology, Inc
UPG2314T5N_0607POWER AMPLIFIER FOR BluetoothTM Class 1 1 2 3 4 5 MoreCalifornia Eastern Labs
IRM046U2.4 / 5GHz ISM Power Amplifier MMIC for W-LAN 1 Sharp Electrionic Components
SST13LP022.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier 1 2 3 4 5 MoreSilicon Storage Technology, Inc
RMPA2458_0592.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
ATR7035_055.8 GHz WDCT Power Amplifier 1 2 3 ATMEL Corporation
MC132012.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn