Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PA2423U Datasheet(PDF) 3 Page - SiGe Semiconductor, Inc.

Part No. PA2423U
Description  RangeChargerTM 2.4 GHz Bluetoothtm Power Amplifier IC Preliminary
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

PA2423U Datasheet(HTML) 3 Page - SiGe Semiconductor, Inc.

  PA2423U Datasheet HTML 1Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 2Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 3Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 4Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 5Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 6Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 7Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 8Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PA2423U
RangeCharger
TM 2.4 GHz Bluetoothtm Power Amplifier IC
Preliminary
131-DST-01 Rev 1.1 Apr-18-2006
Confidential
3 of 10
QA041806
Absolute Maximum Ratings
Operation in excess of any one of above Absolute Maximum Ratings may result in permanent damage. This device is
ESD sensitive. Handling and assembly of this device should be at ESD protected workstations.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.3
+3.6
V
VCTL
Control Voltage
-0.3
VCC
V
VRAMP
Ramping Voltage
-0.3
VCC
V
IN
RF Input Power
-
+8
dBm
TA
Operating Temperature Range
-40
+85
°C
TSTG
Storage Temperature Range
-40
+150
°C
Tj
Maximum Junction Temperature
-
+150
°C
DC Electrical Characteristics
Conditions: VCC0 = VCC1 = VCC2 = VRAMP = VCTL = 3.3 V, PIN = 0 dBm, TA = 25
°C, f = 2.45 GHz, input and output
externally matched to 50Ω unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
2.7
3.3
3.6
V
ICC
Supply Current (ICC = IVCC0 + IVCC1 + IVCC2),
VCTL = 3.3 V, POUT_MAX ≤ 22.5 dBm
-
135
160
mA
∆IccTEMP
Supply Current variation over temperature
from TA = 25
°C
(-40
°C < TA < +85 °C)
-
25
-
%
VCTL
PA Output Power Control Voltage Range
0
-
VCC
V
ICTL
Current sunk by VCTL pin
-
200
250
µA
Logic High Voltage
2.0
-
-
V
VRAMP
Logic Low Voltage
-
-
0.8
V
Istdby
Leakage Current when VRAMP = 0 V, No RF,
VCTL = high
-
0.5
10
µA


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PA2423L-EK1 RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit 1  2  3  4  5  More SiGe Semiconductor, Inc.
SST12LP14 2.4 GHz Power Amplifier 1  2  3  4  5  More Silicon Storage Technology, Inc
SST12LP10 2.4 GHz High-Linearity Power Amplifier 1  2  3  4  5  More Silicon Storage Technology, Inc
SST13LP01 2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier 1  2  3  4  5  More Silicon Storage Technology, Inc
UPG2314T5N_0607 POWER AMPLIFIER FOR BluetoothTM Class 1 1  2  3  4  5  More California Eastern Labs
IRM046U 2.4 / 5GHz ISM Power Amplifier MMIC for W-LAN 1  Sharp Electrionic Components
SST13LP02 2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier 1  2  3  4  5  More Silicon Storage Technology, Inc
RMPA2458_059 2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier 1  2  3  4  5  More Fairchild Semiconductor
ATR7035_05 5.8 GHz WDCT Power Amplifier 1  2  3  ATMEL Corporation
MC13201 2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard 1  2  3  4  5  More Freescale Semiconductor, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn