Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAT400D Datasheet(PDF) 2 Page - Diodes Incorporated

Part No. BAT400D
Description  0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT400D Datasheet(HTML) 2 Page - Diodes Incorporated

  BAT400D_1 Datasheet HTML 1Page - Diodes Incorporated BAT400D_1 Datasheet HTML 2Page - Diodes Incorporated BAT400D_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30182 Rev. 13 - 2
2 of 3
BAT400D
www.diodes.com
0
0.2
0
60
90
150
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Forward Current Derating Curve
0.4
0.6
30
120
Note 2
10
1
100
1000
.001
0
0.60
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
0.10
0.20
0.30
0.40
0.50
.01
.1
T = +125
°C
A
T = +75
°C
A
T = +25
°C
A
T = -25
°C
A
1m
10m
0
10
20
25
35
40
15
5
30
V , REVERSE VOLTAGE (V)
R
Fig. 3 Typical Reverse Characteristics
T = +25°C
A
T = +75°C
A
T = +125°C
A
0
10
100
V , DC REVERSE VOLTAGE (V)
R
Fig. 4 Typical Total Capacitance
vs. Reverse Voltage
1000
5
10
25
20
f = 1 MHz
15


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn